Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 21 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 21 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 17Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 18Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 19Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 20Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 21Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 22Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 23Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 24Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 25Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 323 page
background image
Bt8370/8375/8376
1.0 Pin Descriptions
Fully Integrated T1/E1 Framer and Line Interface
1.1 Pin Assignments
N8370DSE
Conexant
1-5
Microprocessor Interface (MPU) (Continued)
ONESEC
1-second Timer
PIO
Controls or marks 1-second interval used for status reporting. When
input, the timer is aligned to ONESEC rising edge. When output, rising
edge indicates start of each 1-second interval. Typically, 1 device in a
multi-line system is configured to output ONESEC to synchronize other
Bt8370/8375/8376 status reports on a common 1-second interval.
INTR*
Interrupt Request
O
Open drain active-low output signifies 1 or more pending interrupt
requests. INTR* goes to high-impedance state after processor has
serviced all pending interrupt requests.
DTACK*
Data Transfer
Acknowledge
O
Open drain active-low output signifies in-progress data transfer cycle.
DTACK* remains asserted (low) for as long as AS* and CS* are both
active-low. DTACK* is only implemented during synchronous Motorola
processor interface modes. Refer to the timing diagrams in Section 5.5,
MPU Interface Timing.
Line Interface Unit (LIU)
XOE
Transmit Output
Enable
I
Active-high input enables XTIP and XRING output drivers; otherwise, both
outputs are placed in high-impedance state. XOE contains internal pullup
so systems that do not require three-stated outputs can leave XOE
unconnected. XOE needs to be disabled during Power-On Reset (POR) and
re-enabled after configuring the part. Refer to Power-On Reset procedure
in Section 2.10.4,
Device Reset.
RTIP, RRING
Receive Tip/Ring
I
Differential AMI data inputs for direct connection to receive transformer.
VSET
Voltage Reference Set
I/O
Constant voltage output. Must be connected to an external 1% resistor
equal to 14 k
Ω to ground (GND[4] pin 62). The VSET resistor sets the
internal precision current reference of 100
µA and also controls the
transmit pulse height.
XTIP, XRING
Transmit Tip/Ring
O
Complementary AMI data outputs for direct connection to transmit
transformer. Optionally, both outputs are three-stated when XOE is
negated.
Digital Transmitter (XMTR)
TCKI
Tx Clock Input
I
Primary TX line rate clock applied on TCKI, or the system chooses from 1
of four different clocks to act as TX clock source (see [CMUX; addr 01A]).
The selected source is used to clock digital transmitter signals TPOSI,
TNEGI, TPOSO, TNEGO, TNRZO, MSYNCO, TDLI, and TDLCKO. If TSLIP is
bypassed, selected source also clocks TSB signals.
ACKI
All Ones Clock
I
System optionally applies ACKI for AIS transmission, if the selected
primary transmit clock source fails. ACKI is either manually or
automatically switched to replace TCKI (see [AISCLK; addr 068]). Systems
without an AIS clock must tie ACKI to ground.
Table 1-1. Hardware Signal Definitions (2 of 8)
Pin Label
Signal Name
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com