Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 78 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 78 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 74Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 75Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 76Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 77Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 78Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 79Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 80Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 81Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 82Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.7 Transmit System Bus
Fully Integrated T1/E1 Framer and Line Interface
2-50
Conexant
N8370DSE
2.7.4 Transmit Framing
The transmit data stream has two framing functions: offline framer and an online
framer. Figure 2-27 illustrates these functions. The offline framer recovers the
transmit frame alignment (TFSYNC). The online framer monitors the frame
alignment found by the offline framer and recovers multiframe alignment
(TMSYNC).
Transmit frame resynchronization is initiated by activating the Transmit Loss
of Frame (TLOF) status bit in Alarm 2 status [ALM2; addr 048] register by the
online framer. The TLOF criteria is set in the TLOFA, TLOFB, and TLOFC bits
of the Transmitter Configuration register [TCR1; addr 071]. The online framer
supports the following LOF criteria for T1: 2 frame bit errors out of 4; 2 out of 5;
or 2 out of 6. For E1, it supports 3 out of 3.
When TLOF is asserted, the offline framer searches the transmit data stream
for a new frame alignment, provided transmit framing is enabled [TABORT; addr
071]. If embedded framing is enabled [EMBED; addr 0D0], the offline framer
examines the TSLIP buffer output, TNRZ, for transmit frame alignment. If
embedded framing is disabled, the offline framer examines the slip buffer input
(TPCMI) for transmit frame alignment. This case (EMBED = 0) is only applicable
if TPCMI is configured to operate at the line rate: 2,048 kbps E1, or 1,544 kbps
T1. If transmit framing is disabled, the offline framer waits for a reframe command
[TFORCE; addr 071] before beginning frame alignment search.
Figure 2-27. Transmit Framing and Timebase Alignment Options
NOTE(S):
1. EMBED located in SBI_CR (addr 0D0).
2. TSB_ALIGN and TX_ALIGN located in TSB_CR (addr 0D4).
3. EMBED = 0 is only applicable if TPCMI is operating at the line rate.
TPCMI
Offline
Framer
Pass
MF
Pass
MF
TSLIP
Buffer
A
01
C
BD
FSYNC MSYNC
TSB Timebase
TSB
Offset
TFSYNCI
TMSYNCI
TMSYNCO
TFSYNCO
A TSB Aligns to TPCMI (EMBED = 0)
B TSB Aligns to TX (TSB_ALIGN = 1)
C
TX Aligns to TNRZ (EMBED = 1)
D
TX Aligns to TSB (TX_ALIGN = 1)
TPHASE
Recenter
(TUSLIP)
CAS
Online
MFAS
Online
TNRZ
TX Timebase
FSYNC
MSYNC
FAS
CAS
(EMBED = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com