Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 70 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 70 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 66Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 67Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 68Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 69Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 70Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 71Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 72Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 73Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 74Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.6 Clock Rate Adapter
Fully Integrated T1/E1 Framer and Line Interface
2-42
Conexant
N8370DSE
JCLK and CLADO are locked to the selected timing reference. The reference
frequency can operate at T1 or E1 line rates, or at any rate supported by the clock
rate adapter. See RSCALE[2:0] [addr 092] to select timing reference frequency.
See Table 2-6 for the JCLK/CLADO timing reference.
CLAD output jitter meets jitter generation requirements of AT&T TR62411,
as listed in Table 2-7.
CLAD modes are selected using the Clock Rate Adapter Configuration
register [CLAD_CR; addr 090], the Clock Rate Adapter Frequency Select
[CSEL; addr 091], and the Clock Rate Adapter Phase Detector Scale Factor
[CPHASE; addr 092].
If the CLAD Phase Detector (CPHASE) is disabled [CEN; addr 090], the
CLAD input timing reference is determined by the JEN and JFREE bits
(addr 002).
If the CLAD Phase Detector is enabled [CEN; addr 090], the CLAD input
timing reference is selected using CLADI[1:0] in the Clock Input Mux register
[CMUX; addr 01A]. The input timing reference can consist of the Clock Rate
Adapter Input Pin (CLADI); the Receive Clock Output (RCKO, prior to the
output buffer); the Transmit Clock Input Pin (TCKI); or the Transmit System Bus
Clock Input Pin (TSBCKI). (See Figures 2-21 and 2-22 for more details.)
Table 2-6. JCLK/CLADO Timing Reference
CEN
JEN
JFREE
JDIR
CLADO/JCLK Reference
0
0
1
X
REFCKI—Free running 10 MHz clock
0
1
1
0
REFCKI—Free running 10 MHz clock with transmit JAT
0
1
1
1
REFCKI—Free running 10 MHz clock with receive JAT
0
1
0
0
TXCLK—TCKI or ACKI per [AISCLK; addr 068]
0
1
0
1
RXCLK—RPLL or RCKI per [RDIGI; addr 020]
1
0
0
X
CLADI—System clock bypass JAT elastic store
1
1
0
0
CLADI—System clock with transmit JAT
1
1
0
1
CLADI—System clock with receive JAT
NOTE(S):
1. JCLK always operates at T1 or E1 line rate selected by [T1/E1N; addr 001]
Table 2-7. Jitter Generation Requirements
Filter Applied
Maximum Output Jitter
Measured
None (Broadband)
0.05 UI peak-peak
.015 UI
10 Hz to 40 kHz
0.025 UI peak-peak
.015 UI
8 kHz to 40 kHz
0.025UI peak-peak
.015 UI
10 Hz to 8 kHz
0.02UI peak-peak
.015 UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com