Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 74 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 74 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 70Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 71Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 72Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 73Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 74Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 75Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 76Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 77Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 78Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.7 Transmit System Bus
Fully Integrated T1/E1 Framer and Line Interface
2-46
Conexant
N8370DSE
2.7 Transmit System Bus
The Transmit System Bus (TSB) consists of a timebase, slip buffer, signaling
buffer, and transmit framer (Figure 2-23). It provides a high-speed serial interface
between the XMTR and system bus. The system bus is compatible with the Mitel
ST-Bus, the PEB Bus, and the AT&T CHI Bus. TSB directly interfaces to other
Conexant devices with no need for external circuitry.
The TSB contains the following six pins: Transmit System Bus Clock
(TSBCKI), Transmit PCM Data (TPCMI), Transmit Signaling Data (TSIGI),
Transmit Frame Sync (TFSYNC), Transmit Multiframe Sync (TMSYNC), and
Transmit time slot Indicator (TINDO). See Figure 2-24 for the relationship
between these signals. These pins are further defined in Table 1-1, Hardware
Signal Definitions.
Figure 2-23. TSB Interface Block Diagram
TSIG
Local
TSIG
Buffer
TSIGI
TPCMI
TSLIP
Buffer
TINDO
TFSYNC
TMSYNC
Transmit
Framer
TSB
Timebase
TPHASE
Local
Channel
Loopback
Remote
Channel
Loopback
From
Transmitter
TNRZ
CLADO
CLADI
RSBCKI
TSBCKI
TXDATA
From CLADO Prior to
Output Buffer
I/O from Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com