Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 77 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 77 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 73Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 74Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 75Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 76Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 77Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 78Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 79Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 80Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 81Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.7 Transmit System Bus
N8370DSE
Conexant
2-49
In Normal mode, the slip buffer total depth is two 193-bit frames (T1), or two
256-bit frames (E1). Data is written to the slip buffer using TSBCK and read from
the slip buffer using TXCLK. If there is a slight rate difference between the two
clocks, the slip buffer changes from its initial condition—approximately half
full—by either adding or removing frames. If TSBCK writes to the slip buffer
faster than TCKI reads the data, the buffer becomes full. When the slip buffer in
Normal mode is full, an entire frame of data is deleted. Conversely, if TXCLK is
reading the slip buffer at a faster rate than TSBCK is writing the data, the buffer
eventually empties. When the slip buffer in Normal mode is empty, an entire
frame of data is duplicated. When an entire frame is deleted or duplicated, it is
known as a Frame Slip (FSLIP). An FSLIP is always 1 full frame of data. The
FSLIP status is reported in the Slip Buffer Status register [SSTAT; addr 0D9].
In 64-bit Elastic mode, the slip buffer total depth is 64 bits, and the initial
throughput delay is 32 bits, or half of the total depth. Similar to Normal mode,
Elastic mode allows the system bus to operate at any of the programmable bus
rates, independent of the line rate. The advantage of this mode over the
Two-Frame mode is that throughput delay is reduced from 1 frame to an average
of 32 bits, and the transmit multiframe can retain its alignment with respect to the
transmit data. The disadvantage of this mode is handling the full and empty buffer
conditions. In 64-bit Elastic mode, an empty or full buffer condition causes an
Uncontrolled Slip (USLIP). Unlike an FSLIP, a USLIP is of unknown size,
ranging from 1 to 256 bits of data. The USLIP status is reported in SSTAT.
The Two-Frame Short mode combines the depth of the Normal mode with the
throughput delay of the Elastic mode. This mode begins in Elastic mode with a
32-bit initial throughput delay, and switches to Normal modes when the buffer is
empty or full; thereafter, the Two-Frame Short and Normal modes perform
identically. If the slip buffer is full (two frames) in the Two-Frame Short and
Normal modes, an FSLIP is reported; thereafter, the slip buffer performs exactly
like Normal mode.
In Bypass mode, data is clocked through TSLIP from the TSB to the XMTR
using TXCLK as selected by the TCKI input clock mux.
2.7.3 Signaling Buffer
The 32-byte Transmit Signaling Buffer [TSIG; addr 120–13F] stores a single
multiframe of signaling data input from the TSIGI pin and is updated as each time
slot is received in every TSB frame. Each byte offset into TSIG represents a
different time slot for signaling data: offset 0 stores TS0 signaling data, offset
1 stores TS1 signaling data, and so on. The signaling data is stored in the least
significant 4 bits of the signaling buffer. Similar to TSLIP, TSIG has read/write
processor access for accessing or overwriting signaling information. The signaling
buffer uses TFSYNC to identify the frame boundaries in the TSIGI data stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com