Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 89 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 89 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 85Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 86Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 87Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 88Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 89Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 90Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 91Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 92Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 93Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.8 Transmitter
N8370DSE
Conexant
2-61
Yellow Alarm Generation
Yellow Alarm, also referred to as RAI (Remote Alarm Indication), is a bit pattern
inserted into the transmit stream to alert far-end equipment that the local receiver
cannot recover data. Yellow Alarm/RAI is typically transmitted during Receive
Loss of Frame and is defined differently depending upon the transmit frame
format configured [TFRAME; addr 070]. Table 2-11 describes the Yellow
Alarm/RAI action taken for each frame format.
Transmission of Yellow Alarm(YB2) is controlled by the register bits listed in
Table 2-12:
The insertion of Yellow Alarm(YB2) into the transmit stream is controlled by
INS_YEL. Yellow Alarm(YB2) is inserted only when INS_YEL is set.
Otherwise, these bit positions are supplied by data from TPCMI. Yellow
Alarm(YB2) generation can be done manually or automatically.
Manual generation of Yellow Alarm(YB2) is controlled by TYEL. Setting this
bit immediately and unconditionally overwrites the Yellow Alarm signal bit(s) in
the transmitted data stream with the appropriate pattern.
Table 2-11. Yellow Alarm Generation
Frame Format
Yellow Alarm Location
Mode
SF
Bit 2 of every time slot set to 0
YB2
ESF(1)
Bit 2 of every time slot set to 0
YB2
SLC-96
Bit 2 of every time slot set to 0
BY2
SF/JYEL
F-bit 12 of every superframe set to 1
YJ
T1DM
Y bit of the sync byte set to 0
Y24
E1
A bit of TS0 set to 1
Y0
NOTE(S):
(1) Yellow Alarm/RAI for T1-ESF framing is defined as a BOP priority
codeword in the FDL channel. This is called T1 Multiframe Yellow Alarm
in 8370. T1-ESF Multiframe Yellow Alarm/RAI(YF) is not transmitted
using the procedure described below. Instead, T1- ESF Multiframe Yellow
Alarm/RAI(YF) is generated by configuring DL1 to continuously transmit
an all 0s BOP priority codeword. Refer to the Transmit Data Links section
under TBOP Transmitter.
Table 2-12. Yellow Alarm Register Bits
Bit Name
Register
INS_YEL
[TFRM; addr 072]
TYEL
[TALM; addr 075]
AUTO_YEL
[TALM; addr 075]
RLOF
[ALM1; addr 047]
RLOF_INTEG
[RALM; addr 045]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com