Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 42 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 42 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 38Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 39Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 40Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 41Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 42Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 43Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 44Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 45Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 46Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.4 Receiver
Fully Integrated T1/E1 Framer and Line Interface
2-14
Conexant
N8370DSE
2.4 Receiver
The Digital Receiver (RCVR) monitors T1/E1 overhead data and decodes
positive and negative rail NRZ data from the RLIU into single rail NRZ data
processed by the RSB. The RCVR, illustrated in Figure 2-11, is made up of the
following elements: Zero Code Suppression (RZCS) Decoder, In-Band Loopback
Code Detector, Error Counters, Error Monitor, Alarm Monitor, Test Pattern
Receiver, Receive Framer, External Receive Data Link, and Receive Data Links.
Figure 2-11. RCVR Diagram
NOTE(S):
(1) DLINK2 not available in Bt8376 device.
External DLINK
PRBS/Inband LB
Sa-Byte
RPDV Monitor
RZCS
Decoder
RPOS
RNEG
RNRZ
Line
Loopback
Framer
Loopback
Error Counters
Alarm Monitor
Receive Framer
Receiver Timebase
To RSB
RCKO
Error Monitor
DLINK1
MOP/BOP
DLINK2 (1)
MOP
MPU
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com