| Electronic Components Datasheet Search |
|
BT8376EPF Datasheet(PDF) 53 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
BT8376EPF Datasheet(HTML) 53 Page - Synaptics Incorporated. |
|
53 / 323 page ![]() Bt8370/8375/8376 2.0 Circuit Description Fully Integrated T1/E1 Framer and Line Interface 2.4 Receiver N8370DSE Conexant 2-25 The offline framer is shared between the RCVR and XMTR and can search in only one direction at any time. Consequently, the processor arbitrates which direction is searched by enabling the reframe request (RLOF and TLOF) for that direction. The offline framer waits until the current search is complete (see [FSTAT; addr 017]) before checking for pending LOF reframe requests. If both online framers have pending reframe requests, the offline framer aligns to the direction opposite from that which was most recently searched. For example, if TLOF is pending at the conclusion of a receive search which timed out without finding alignment, the offline framer switches to search in the transmit direction. The TLOF switchover is prevented in the preceding example if the processor asserts TABORT to mask the transmit reframe request. TABORT does not affect TLOF status reporting. For applications that frame in only 1 direction, the opposite direction should be masked. If, at the conclusion of a receive search, TLOF status is asserted but masked by TABORT, the offline framer continues to search in the receive direction. For applications that frame in both directions, the processor can allow the offline framer to automatically arbitrate among pending reframe requests, or can elect to manually control reframe precedence. An example of manual control follows: The status of the offline framer can be monitored for diagnostic purposes using the Offline Framer Status register [FSTAT; addr 017]. The register reports the following: • whether the offline framer is looking at the receive or transmit data streams (RX/TXN) • whether the framer is actively searching for a frame alignment (ACTIVE) • whether the framer found multiple framing candidates (TIMEOUT) • whether the framer found frame sync (FOUND) • whether the framer found no frame alignment candidates (INVALID) NOTE: These status bits are updated in real time and might be active for only very short (1-bit) periods of time. 1 Initialize RABORT = 1 and TABORT = 1 2 Enable RLOF and TLOF interrupts 3 Read clear pending ISR interrupts 4 Release RABORT = 0 5 Call LOF Service Routine if either RLOF or TLOF interrupt; { (check current LOF status [ALM1, 2; addr 047, 048] If RLOF recovered and TLOF lost —Assert RABORT = 1 —Release TABORT = 0 If RLOF lost or TLOF recovered —Assert TABORT = 1 —Release RABORT = 0 } |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |