Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 20 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 20 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 16Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 17Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 18Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 19Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 20Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 21Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 22Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 23Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 24Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 323 page
background image
1.0 Pin Descriptions
Bt8370/8375/8376
1.1 Pin Assignments
Fully Integrated T1/E1 Framer and Line Interface
1-4
Conexant
N8370DSE
Table 1-1. Hardware Signal Definitions (1 of 8)
Pin Label
Signal Name
I/O
Definition
Microprocessor Interface (MPU)
RST*
Hardware Reset
I
RST* low-to-high transition forces registers to their default, power-up
state and forces all PIO pins to the input state. RST* is not mandatory,
because internal power on reset circuit performs an identical function.
RST* can be applied asynchronously, but must remain asserted for a
minimum of 2 clock cycles (external MCLK or internal 32 MHz) for the
low-to-high transition to be sampled and detected (see also [RESET; addr
001]).
MCLK
Processor Clock
I
System applies MCLK in the range of 8–36 MHz for external clock
(CLKMD = 1) and synchronous bus modes (SYNCMD = 1). During internal
clock modes (CLKMD = 0), the Bt8370/8375/8376 uses an internally
generated 32 MHz clock to control processor timing, and MCLK input is
ignored.
MOTO*
Motorola Bus mode
I
Selects Intel- or Motorola-style microprocessor interface. DS*, R/W*,
A[8:0], and AD[7:0] functions are affected.
0 = Motorola; AD[7:0] is data, A[8:0] is address, DS* is data strobe,
and R/W* indicates the read (high) or write (low) data direction.
1 = Intel; AD[7:0] is multiplexed address/data, A[7:0] ignored, A[8] is
address line, DS* is read strobe (RD*), and R/W* is write strobe (WR*).
SYNCMD
Sync mode
I
Selects whether read/write cycle timing is synchronous with MCLK.
Supports Intel- or Motorola-style buses:
0 = Asynchronous bus; read data enable and write data input latch are
asynchronously controlled by CS*, DS*, and R/W* signals. Latched write
data is still synchronized internally to 32 MHz clock for transfer to
addressed register.
1 = Synchronous bus; applicable only if the external clock is also
selected (CLKMD = 1). MCLK rising edge samples CS*, DS*, and R/W* to
determine valid read/write cycle timing. Allows 0 wait state processor
cycles for MCLK speeds up to 36 MHz, for M68000 type buses.
CLKMD
Clock mode
I
Selects whether MCLK is enabled (high) or ignored (low). When enabled,
MCLK frequency determines update rate of internal registers and sampling
rate of CS*, DS*, and R/W* signals.
A[8:0]
Address Bus
I
AS* falling edge asynchronously latches A[8:0] (Motorola) or A[8] (Intel)
to identify 1 register for subsequent read/write data transfer cycle.
AD[7:0]
Data Bus or Address
Data
I/O
Multiplexed address/data (Intel) or only data (Motorola). Refer to MOTO*
signal definition.
AS* (ALE)
Address Strobe
I
For all processor bus modes, AS* falling edge asynchronously latches
address from A[8:0] (Motorola) or from A[8] and AD[7:0] (Intel). For sync
modes (SYNCMD = 1), each read/write data cycle requires both AS* and
CS* active-low on MCLK rising edge.
CS*
Chip Select
I
Active-low enables read/write decoder. Active-high ends current read or
write cycle and places data bus output in high impedance.
DS*(RD*)
Data Strobe or
Read Strobe
I
Active-low read data strobe (RD*) for MOTO* = 1, or read/write data
strobe (DS*) for MOTO* = 0.
R/W*(WR*)
Read/Write Direction
or Write Strobe
I
Active-low write data strobe (WR*) for MOTO* = 1, or read/write data
select (R/W*) for MOTO = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com