Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 80 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 80 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 76Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 77Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 78Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 79Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 80Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 81Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 82Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 83Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 84Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.7 Transmit System Bus
Fully Integrated T1/E1 Framer and Line Interface
2-52
Conexant
N8370DSE
For applications that frame in both directions, the processor can manually
arbitrate among pending reframe requests by controlling the reframe precedence.
An example of manual control follows:
The status of the offline framer can be monitored using the Offline Framer
Status register [FSTAT; addr 017]. The register reports the following:
•
whether the offline framer is looking at the receive or transmit data streams
(RX/TXN)
•
whether the framer is actively searching for frame alignment (ACTIVE)
•
whether the framer found multiple framing candidates (TIMEOUT)
•
whether the framer found frame sync (FOUND)
•
whether the framer found no frame alignment candidates (INVALID)
2.7.5 Embedded Framing
Embedded framing mode [EMBED; addr 0D0] instructs the transmit framer to
search TSLIP buffer output (TNRZ) for framing bits while in T1 mode, or for
MFAS and CAS in E1 mode. Embedded framing allows the transmit timebase to
align with the transmit framer multiframe alignment of the PCM signal
transported across the system bus.
The G.802 Embedded mode supports ITU-T Recommendation G.802, which
describes how 24 T1 time slots and framing bit (193 bits) are mapped to the 32 E1
time slots (256 bits): by leaving TS0 and TS16 unassigned, by storing the 24 T1
time slots in TS1 to TS15, and in TS17 to TS25, and by storing the frame bit in
Bit 1 of TS26 (see Figure 2-20).
1
Initialize RABORT = 1 and TABORT = 1.
2
Enable RLOF and TLOF interrupts.
3
Read clear pending ISR interrupts.
4
Release RABORT = 0.
5
Call LOF Service Routine if either RLOF or TLOF interrupt;
{
(check current LOF status (ALMI, 2; addr 047, 048)
If RLOF recovered and TLOF lost
—Assert RABORT = 1
—Release TABORT = 0
If RLOF lost or TLOF recovered
—Assert TABORT = 1
—Release RABORT = 0
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com