Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 22 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 22 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 18Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 19Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 20Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 21Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 22Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 23Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 24Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 25Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 26Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 323 page
background image
1.0 Pin Descriptions
Bt8370/8375/8376
1.1 Pin Assignments
Fully Integrated T1/E1 Framer and Line Interface
1-6
Conexant
N8370DSE
Digital Transmitter (XMTR) (Continued)
TPOSI
TX Positive Rail Input
I
Line rate data input on TCKI falling edge. Replaces all data that would
otherwise be supplied by ZCS encoder. Bt8370/8375/8376 default power
on state selects TPOSI/TNEGI as source for all transmitted XTIP/XRING
output pulses, encoded as follows:
TNEGI
TX Negative Rail Input
I
Line rate data input on TCKI falling edge. Replaces all data that would
otherwise be supplied by ZCS encoder. Refer to TPOSI signal definition.
TPOSO
TX Positive Rail
Output
O
Line rate data output from ZCS encoder or JAT on rising edge of TCKO.
Active-high marks transmission of a positive AMI pulse. Used to monitor
transmit data or for systems that employ an external line interface unit.
TNEGO
TX Negative Rail
Output
O
Line-rate data output from ZCS encoder or JAT on rising edge of TCKO.
Active-high marks transmission of a negative AMI pulse. Used to monitor
transmit data or for systems that use an external line interface unit.
TDLI
TX Data Link Input
I
Selected time slot bits are sampled on TDLCKO falling edge for insertion
into the transmit output stream during external data link applications.
TDLCKO
TX Data Link Clock
O
Gapped version of TCKI for external data link applications. TDLCKO high
clock pulse coincides with low TCKI pulse interval during selected time
slot bits (see [DL3_TS; addr 015]).
TCKO
TX Clock Output
O
Line rate clock used to align XTIP/XRING outputs. If transmit jitter
attenuator (TJAT) is disabled, TCKO equals selected TCKI or ACKI. If TJAT
is enabled, TCKO equals the jitter attenuated clock (JCLK).
TNRZO
TX Non Return to
Zero Data
O
Line rate data output from transmitter on rising edge of TCKI. TNRZO does
not include ZCS encoded bipolar violations.
MSYNCO
TX Multiframe Sync
O
Active-high for 1 TCKI clock cycle to mark the first bit of TX multiframe
coincident with TNRZO. Output on rising edge of TCKI.
Table 1-1. Hardware Signal Definitions (3 of 8)
Pin Label
Signal Name
I/O
Definition
TPOSI
TNEGI
TX Pulse Polarity
0
0
No pulse
0
1
Negative AMI pulse
1
0
Positive AMI pulse
11
Invalid
NOTE(S):
Software must set TDL_IO (addr 018) to enable normal
data from internal transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com