Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 67 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 67 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 63Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 64Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 65Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 66Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 67Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 68Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 69Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 70Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 71Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.6 Clock Rate Adapter
N8370DSE
Conexant
2-39
2.6 Clock Rate Adapter
The full function Clock Rate Adapter is included in all Bt8370 and Bt8375
devices. In the Bt8376, the CLADO output is not implemented.
The Clock Rate Adapter (CLAD) illustrated in Figures 2-21 and 2-22 uses an
input clock reference at a particular frequency (range 8 kHz to 16,384 kHz) to
synthesize an output clock (CLADO and JCLK) at a different frequency (range
1024 kHz to 16,384 kHz). The CLAD also controls the read or write pointers of
the elastic store by synthesizing a Jitter-attenuated Line rate Clock (JCLK); thus,
it is an integral part of the Jitter Attenuator (JAT). The CLAD input clock jitter
tolerance and jitter transfer functions are illustrated in Figures 2-9 and 2-10.
These diagrams are illustrated for various programmed loop filter gain values
(LFGAIN; addr 090).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com