Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 44 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 44 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 40Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 41Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 42Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 43Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 44Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 45Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 46Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 47Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 48Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.4 Receiver
Fully Integrated T1/E1 Framer and Line Interface
2-16
Conexant
N8370DSE
2.4.3 Error Counters
The following Performance Monitoring (PM) counters are available in the
RCVR: Framing Bit Errors (FERR), CRC Errors (CERR), Line Code Violations
(LCV), and Far End Block Errors (FEBE). All PM count registers are reset on
read unless LATCH_CNT is set in the Alarm/Error/Counter Latch Configuration
register [LATCH; addr 046]. LATCH_CNT enables the 1-second latching of
counts coincident with the 1-second timer interrupt [ISR6; addr 005]. One-second
latching of PM counts is required if AUTO_PRM responses are enabled. All PM
counters can be disabled during RLOF, RLOS, and RAIS, using the STOP_CNT
bit in the LATCH register.
NOTE:
If STOP_CNT is negated, error monitoring during RLOF conditions will
detect FERR, CERR, and FEBE according to the last known frame
alignment.
2.4.3.1 Frame Bit Error
Counter
The 12-bit Framing Bit Error Counter [FERR; addr 050 and 051] increments each
time a receive Ft, Fs, T1DM, FPS, or FAS error is detected. Fs (T1) and NFAS
(E1) errors can be included in the FERR count by setting FS_NFAS in Receive
Alarm Signal Configuration [RALM; addr 045]. An interrupt is available to
indicate that the FERR counter overflowed in the Counter Overflow Interrupt
Status register [ISR4; addr 007].
2.4.3.2 CRC Error
Counter
The 10-bit Cyclic Redundancy Check Error Counter [CERR; addr 052 and 053]
increments each time a receive CRC4 (E1) or CRC6 (T1) error is detected. An
interrupt is available to indicate that the CERR counter overflowed in ISR4.
2.4.3.3 LCV Error
Counter
The 16-bit Line Code Violation Error Counter [LCV; addr 054 and 055]
increments each time a receive Bipolar Violation (BPV)—not including line
coding—is detected. The LCV count can include EXZ if EXZ_LCV in the
Receive Alarm Signal Configuration register [RALM; addr 045] is set. EXZ can
be configured [RZCS; addr 040] to be 8 or 16 successive 0s, following a 1. An
interrupt is available to indicate that the LCV counter overflowed in ISR4.
2.4.3.4 FEBE Counter
The 10-bit Far End Block Error (FEBE) counter [FEBE; addr 056 and 057]
increments each time the RCVR encounters an E1 far-end block error. An
interrupt is available to indicate that the FEBE counter overflowed in ISR4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com