Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 24 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 24 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 20Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 21Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 22Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 23Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 24Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 25Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 26Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 27Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 28Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 323 page
background image
1.0 Pin Descriptions
Bt8370/8375/8376
1.1 Pin Assignments
Fully Integrated T1/E1 Framer and Line Interface
1-8
Conexant
N8370DSE
Transmit System Bus (TSB)
TSBCKI
TSB Clock Input
I
Bit clock and I/O signal timing for TSB according to system bus mode (see
[SBI_CR; addr 0D0]). System chooses from 1 of four different clocks to
act as TSB clock source (see [CMUX; addr 01A]). Rising or falling edge
clocks are independently configurable for data signals TPCMI, TSIGI,
TINDO and sync signals TFSYNC and TMSYNC (see [TPCM_NEG and
TSYN_NEG; addr 0D4]). When configured to operate at twice the data rate,
TSB clock is internally divided by two before clocking TSB data signals.
TPCMI
TSB Data Input
I
Serial data formatted into TSB frames consisting of DS0 channel time
slots and optional F-bits. One group of 24 T1 time slots or 32 E1 time slots
is selected from up to four available groups; data from the group is
sampled by TSBCKI, then sent towards transmitter output. Time slots are
routed through transmit slip buffer (see [TSLIPn; addr 140–17F])
according to TSLIP mode (see [TSBI; addr 0D4]). F-bits are taken from the
start of each TSB frame or from within an embedded time slot (see
[EMBED; addr 0D0]) and optionally inserted into the transmitter output
(see [TFRM; addr 072] register).
TSIGI
TSB Signaling Input
I
Serial data formatted into TSB frames containing ABCD signaling bits for
each system bus time slot. Four bits of TSIGI time slot carry signaling
state for each accompanying TPCMI time slot. Signaling state of every
time slot is sampled during first frame of the TSB multiframe, and then
transferred into transmit signaling buffer [TSIGn; addr 120–13F].
TINDO
TSB Time Slot
Indicator
O
Active-high output pulse marks selective transmit system bus time slots
as programmed by SBCn [addr 0E0–0FF]. TINDO occurs on TSBCKI rising
or falling edges as selected by TPCM_NEG (see [TSBI; addr 0D4]).
TFSYNC
TSB Frame Sync
PIO
Input or output TSB frame sync (see [TFSYNC_IO; addr 018]). TFSYNC
output is active-high for 1 TSB clock cycle at programmed offset bit
location (see [TSYNC_BIT; addr 0D5]), marking offset bit position within
each TSB frame and repeating once every 125
µs. When transmit framer is
also enabled, TSB timebase and TFSYNC output frame alignment are
established by transmit framer's examination of TPCMI serial data input.
When TFSYNC is programmed as an input, the low-to-high signal
transition is detected and aligns TSB timebase to programmed offset bit
value. TSB timebase flywheels at 125
µs frame interval after the last
TFSYNC is applied.
TMSYNC
TSB Multiframe Sync
PIO
Input or output TSB multiframe sync (see [TMSYNC_IO; addr 018]).
TMSYNC output is active-high for 1 TSB clock cycle at programmed offset
bit location (see [TSYNC_BIT; addr 0D5]), marking offset bit position
within each TSB multiframe and repeating once every 6 ms coincident
with TFSYNC. When transmit framer is also enabled, TSB timebase and
TMSYNC output multiframe alignment are established by transmit
framer's examination of TPCMI serial data input. When TMSYNC is
programmed as an input, the low-to-high signal transition is detected and
aligns TSB timebase to the programmed offset bit value and first frame of
the multiframe. TSB timebase flywheels at 6 ms multiframe interval after
the last TMSYNC is applied. If system bus applies TMSYNC input, TFSYNC
input is not needed.
Table 1-1. Hardware Signal Definitions (5 of 8)
Pin Label
Signal Name
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com