Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 94 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 94 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 90Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 91Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 92Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 93Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 94Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 95Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 96Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 97Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 98Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.8 Transmitter
Fully Integrated T1/E1 Framer and Line Interface
2-66
Conexant
N8370DSE
The HDB3 line code replaces 4 consecutive 0s by 000V or B00V code, where
B is an AMI pulse and V is a bipolar violation (see Figure 2-32). ZCS encoder
selects the code that forces the BPV output polarity opposite to the prior BPV.
The B8ZS line code replaces strings of 8 consecutive 0s or no pulses with the
B8ZS octet 000VB0VB, where B represents a normal bipolar pulse and V
represents a BPV. A BPV that is not part of B8ZS octet is a BPV error.
B7ZS replaces Bit 7 of all assigned time slots with a 1 if the contents are all 0.
B7ZS encoding is enabled on a per-channel basis in the Transmit Per-Channel
Control register [TPC0 to TPC31; addr 100 to 11F].
PDV enforcer overwrites transmit 0s that would otherwise cause output data
to fail to meet the minimum required pulse density, per ANSI T1.403 sliding
window.
NOTE:
The enforcer never overwrites a framing bit and is not applicable during
E1 mode.
Figure 2-32. Zero Code Substitution Formats
BPV
BPV
BPV
11
0
0
0
0
0
0
0
01
1
Octet
AMI
B8ZS
HDB3
B7ZS
UMC
Zero Code Substitution Formats
BPV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com