Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 69 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 69 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 65Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 66Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 67Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 68Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 69Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 70Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 71Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 72Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 73Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 323 page
background image
To RJAT
RXCLK
(1)JDIR
JEN
(JAT_CR reg)
To TJAT
TXCLK
1
0
Clock
Monitor
To
Transmitter
TCKI[1:0]
(CMUX reg)
TCKI pin
RSBCKI pin
RCKO
CLADO
ACKI pin
CLADO pin
REFCKI pin
(10 MHz)
TCKI pin
CLADI pin
TSBCKI pin
RCKO pin
CLADI[1:0]
(CMUX reg)
(RSCALE Factor)
(VSCALE Factor)
1
0
NCO
CLADV
CEN
VSEL
Clock Rate Adapter
OSEL
Line Rate Clock
Divider Chain
JFREE
CLADI
JCLK
1
0
1
0
To Receiver
RCKO_OE
(POE reg)
CLAD_OE
(POE reg)
x (XSEL Factor)
CPHASE
JPHASE
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com