Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 23 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 23 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 19Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 20Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 21Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 22Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 23Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 24Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 25Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 26Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 27Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 323 page
background image
Bt8370/8375/8376
1.0 Pin Descriptions
Fully Integrated T1/E1 Framer and Line Interface
1.1 Pin Assignments
N8370DSE
Conexant
1-7
Digital Receiver (RCVR)
RCKI
RX Clock Input
I
Line rate clock samples RPOSI and RNEGI when RLIU configured to
accept dual-rail digital data (see [RDIGI; addr 020]); otherwise, RCKI is
ignored.
RPOSI
RX Positive Rail Input
I
Line rate data input on falling edge of RCKI. RPOSI and RNEGI levels are
interpreted as received AMI pulses, encoded as follows:
NOTE:
The NRZ data can be input at RPOSI or RNEGI if the
other input is connected to ground.
RNEGI
RX Negative Rail
Input
I
Line rate data input on falling edge of RCKI. See RPOSI signal definition.
RCKO
RX Clock Output
O
RPLL recovered line rate clock (RXCLK) or jitter attenuated clock (JCLK)
output, based on programmed clock selection (see [JAT_CR; addr 002]).
RPOSO
RX Positive Rail
Output
O
Line rate data output on rising edge of RCKO. Active-high indicates receipt
of a positive AMI pulse on RTIP/RING inputs.
RNEGO
RX Negative Rail
Output
O
Line rate data output on rising edge of RCKO. Active-high indicates receipt
of a negative AMI pulse on RTIP/RING inputs.
RDLO
RX Data Link Output
O
Line rate NRZ data output from receiver on falling edge of RCKO, all data
from RLIU is represented at the RDLO pin. However, selective RDLO bit
positions are also marked by RDLCKO for external data link applications.
RDLCKO
RX Data Link Clock
Output
O
Gapped version of RCKO for external data link applications. RDLCKO high
clock pulse coincides with low RCKO pulse interval during selected time
slot bits, else RDLCKO low (see Figure 2-12,
Receive External Data Link
Waveforms, External Data Link).
Table 1-1. Hardware Signal Definitions (4 of 8)
Pin Label
Signal Name
I/O
Definition
RPOSI
RNEGI
RX Pulse Polarity
0
0
No pulse
0
1
Negative AMI pulse
1
0
Positive AMI pulse
1
1
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com