Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 48 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 48 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 44Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 45Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 46Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 47Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 48Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 49Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 50Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 51Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 52Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.4 Receiver
Fully Integrated T1/E1 Framer and Line Interface
2-20
Conexant
N8370DSE
2.4.6 Test Pattern Receiver
The test pattern receiver circuitry can sync on framed or unframed PRBS patterns
and count bit errors. This feature is particularly useful for system diagnostics,
production testing, and test equipment applications. The PRBS patterns available
include 2E11-1, 2E15-1, 2E20-1, and 2E23-1. Each pattern can optionally
include Zero Code Suppression (ZCS).
The Receive Test Pattern Configuration register [RPATT; addr 041] controls
the test pattern receiver circuit. BSTART control bit (in RPATT) must be active to
enable the test pattern receiver and to begin counting bit errors. RPATT controls
the PRBS pattern, ZCS setting (ZLIMIT), and T1/E1 framing (FRAMED).
RPATT selects which PRBS pattern the receiver should hunt for pattern sync.
ZLIMIT selects the maximum number of consecutive zeros the pattern is allowed
to contain. FRAMED mode informs the PRBS pattern receiver not to search for
the pattern in the frame bit in T1 mode or search for the pattern in time slot 0 (and
time slot 16 if CAS framing is selected) in E1 mode. CAS framing is selected by
setting RFRAME[3] to 1 in the Primary Control register [CR0; addr 001]. If
FRAMED is disabled, the PRBS pattern receiver searches all time slots for the
test pattern.
The RESEED bit in RPATT informs the receive PRBS sync circuit to begin a
PRBS pattern search. Once the search begins, any additional writes to RESEED
restarts the pattern sync search at a different point in the pattern. The time to sync
depends on the pattern and number of bit errors in the pattern.
Pattern sync is reported (when found) in PSYNC status of the Pattern Interrupt
Status register [ISR0; addr 00B]. After pattern sync is found, the PRBS Pattern
Error counter [BERR; addr 058 and 059] begins counting bit errors detected on
the incoming pattern, provided that BSTART remains active. Error counting stops
if the BSTART bit is cleared. BERR counter is reset to 0 after every read, or
latched on every ONESEC interrupt as selected by LATCH_CNT [addr 046]. An
interrupt is available to indicate the BERR counter overflowed in ISR4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com