Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 47 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 47 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 43Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 44Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 45Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 46Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 47Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 48Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 49Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 50Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 51Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.4 Receiver
N8370DSE
Conexant
2-19
2.4.5.3 Analog Loss of
Signal
Receive Analog Loss of Signal (RALOS) is declared in analog receive mode,
[RDIGI = 0; addr 020], when RTIP/RRING input signal amplitude is less than the
programmed (VGA_MAX) threshold. In the digital receive mode, RDIGI = 1,
RALOS is declared when the Receive Clock Input (RCKI) remains low for
125
µs. RALOS real-time status is available in ALM1; RALOS interrupt is
available in ISR7.
2.4.5.4 Alarm Indication
Signal
If the line rate is T1 [T1/E1N; addr 001], the criteria for Receive Alarm Indication
Signal (RAIS) is the reception of 4 or fewer 0s in a period of 3 ms (4632 bits), and
the assertion of RLOF. If the line rate is E1, RAIS is set when 2 consecutive
double frames each contain 2 or fewer 0s out of 512 bits and FAS alignment is
lost [FRED; addr 049]. RAIS real-time status is available in ALM1; RAIS
interrupt is available in ISR7.
2.4.5.5 Yellow Alarm
The criteria for Yellow Alarm (YEL) is described in Table 3-13, Receive Yellow
Alarm Set/Clear Criteria. YEL real-time status is available in ALM1; YEL
interrupt is available in ISR7.
2.4.5.6 Multiframe YEL
The criteria for Multiframe Yellow Alarm is described in Table 3-13, Receive
Yellow Alarm Set/Clear Criteria. MYEL real-time status is available in ALM1;
MYEL interrupt is available in ISR7.
2.4.5.7 Severely Errored
Frame
A SEF is reported when the receive signal does not meet the requirements of
ANSI T1.231. SEF real-time status is available in ALM3. A 2-bit counter is also
available [SEF; addr 05A]. An interrupt is available in ISR4 to indicate that the
SEF counter overflowed.
2.4.5.8 Change of
Frame
Alignment
Each COFA increments a 2-bit counter [COFA; addr 05A]. An interrupt is
available in ISR4 to indicate that the COFA counter overflowed.
2.4.5.9 Receive
Multiframe AIS
Receive Multiframe AIS (RMAIS) is reported when the receive TS16 signal
contains 3 or fewer 0s out of 128 bits in each multiframe over 2 consecutive
multiframes according to the requirements of ITU–T Recommendation G.775.
RMAIS is checked only in E1 CAS mode. RMAIS real-time status is available in
ALM3 [addr 049].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com