Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 103 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 103 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 99Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 100Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 101Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 102Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 103Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 104Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 105Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 106Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 107Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.9 Transmit Line Interface Unit
N8370DSE
Conexant
2-75
The VSET resistor not only provides a bias current to RPLL and TPLL but
also controls the height of the transmit pulse. The VSET value can be fine tuned
according to the total resistance on the line side. Table 2-23 shows the measured
Peak value of the transmit pulse. (Please refer to Figures 4-1 through 4-4 for the
recommended front-end circuitry.)
The minimum series resistance required with XTIP/XRING is 2.1
Ω . The two
2.1
Ω series resistors, together with the Shottky diodes, are necessary to protect
the part against surge voltages of up to 50 V (please refer to Section 4,
Applications). The line side protection circuitry should break down the voltage to
50 V so that the chip side protection circuitry (two 2.1
Ω series resistors with
Shottky diodes) can protect the part for surge voltages of 50 V or below.
Table 2-23. Transmit Pulse
Rterm
75
Ω
VPk
2.36
2.36
2.30
2.28
100
Ω
LH =
2.96
SH =
3.16
LH =
2.96
SH =
3.12
LH =
2.88
SH =
3.00
LH =
2.80
SH =
3.04
120
Ω
2.96
2.96
2.90
2.84
PTC
No
No
One
Two
Tx Series
Resistance
No
2.1
Ω in series
with XTIP and
XRING
2.1
Ω in series
with XTIP and
XRING
2.1
Ω in series
with XTIP and
XRING
VSET (
Ω)
14 k
14 k
14 k
14 k
Tx Termination
(
Ω)
51.1
51.1
51.1
51.1
NOTE(S):
LH refers to Long Haul, and SH refers to Short Haul.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com