Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 106 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 106 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 102Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 103Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 104Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 105Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 106Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 107Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 108Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 109Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 110Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.9 Transmit Line Interface Unit
Fully Integrated T1/E1 Framer and Line Interface
2-78
Conexant
N8370DSE
Pulse templates for each of the LBO settings are illustrated in Figure 2-41
through Figure 2-44.
Figure 2-41. 0 dB LBO Isolated Pulse Template
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
x 10
-7
0
0.5
1
1.5
2
2.5
3
3.5
Time (Sec)
Figure 2-42. 7.5 dB LBO Isolated Pulse Template
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
x 10
-6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Time (Sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com