Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 110 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 110 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 106Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 107Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 108Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 109Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 110Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 111Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 112Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 113Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 114Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.9 Transmit Line Interface Unit
Fully Integrated T1/E1 Framer and Line Interface
2-82
Conexant
N8370DSE
2.9.4.3 Output Enable
The bipolar analog output XTIP/XRING can be enabled or disabled using the
XOE pin. This feature allows switching between multiple XTIP/XRING outputs
that are tied together.
2.9.5 Pulse Imbalance
In any window of 17 consecutive primary rate cycles, the maximum variation in
pulse amplitude in the absence of 60 Hz variations is <200 mV. The maximum
variation in pulse width at half amplitude is <20 ns.
Figure 2-47. Output Pulse Height versus Transmit Termination Impedance
30
35
40
45
50
55
60
65
70
75
80
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
Change in pulse height, normalized to Rterm = 51.1
Rterm [ ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com