Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 112 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 112 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 108Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 109Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 110Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 111Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 112Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 113Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 114Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 115Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 116Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.10 Microprocessor Interface
Fully Integrated T1/E1 Framer and Line Interface
2-84
Conexant
N8370DSE
2.10.1 Address/Data Bus
In Non-multiplexed Address mode, A[8:0] provides the address for register
access; in Multiplexed Address mode, A[8] and AD[7:0] provide the address. In
both modes, the data bytes flow over the shared bidirectional, byte-wide bus,
AD[7:0].
2.10.2 Bus Control Signals
Four signals control the operation of the interface port: AS*, CS*, RD*, and
R/W*. An additional pin, MOTO*, selects whether the interface signals are of a
Motorola or Intel flavor.
When MOTO* is low, indicating a Motorola-style interface, CS*, AS*, R/W*,
and DS* signals are expected. When MOTO* is high, indicating an Intel-style
interface, CS*, ALE, RD*, and WR* signals are expected.
When MOTO* is high, the address lines are multiplexed with the data. This
pin is usually tied high for Intel devices, and low for Motorola devices. SYNCMD
puts the interface into the Synchronous Processor Interface mode. Motorola
68000 processors typically have SYNCMD tied high if MCLK is connected to the
MPU clock source, while Intel 8051 processors have SYNCMD tied low (see
Table 2-24).
2.10.3 Interrupt Requests
The INTR* output is an active low, open-drain type output which allows the
interrupt request line from multiple devices to connect to a common
microprocessor interrupt request line. All the Bt8370/8375/8376 interrupts are
requested on this pin. However, each interrupt source can be individually enabled
or disabled.
Interrupts are associated with three types of microprocessor interface
registers:
•
Interrupt Enable register—a 1 in a given bit of IER[7:0] enables the
corresponding interrupt, a 0 (initial condition) disables it.
•
Interrupt Status register [ISR; 7:0]—events are latched into these registers
whether the corresponding interrupt enable bit is set or not. The processor
must read the ISR registers to clear all latched bits.
•
Interrupt Request register [IRR; addr 003]—reading this register along
with the corresponding ISR register, the microprocessor can determine the
cause of an interrupt. Active interrupts are indicated by bits that are high.
Inactive interrupts are indicated by bits that are low. Reading from IRR
clears the entire register; writing has no effect.
Table 2-24. Microprocessor Interface Operating Modes
MOTO*
SYNCMD
CLKMD
Description
0
0
0
Asynchronous Motorola, internal clock
0
1
1
Synchronous Motorola, external clock
1
0
0
Asynchronous Intel, internal clock
1
1
1
Synchronous Intel, external clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com