Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 108 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 108 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 104Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 105Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 106Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 107Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 108Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 109Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 110Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 111Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 112Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.9 Transmit Line Interface Unit
Fully Integrated T1/E1 Framer and Line Interface
2-80
Conexant
N8370DSE
2.9.4 Line Driver
The line driver provides current drive to the low-power, bipolar analog signal
from the transmit Digital-to-Analog Converter (DAC). The transmit DAC
converts the coded pulse shape values to properly scaled, analog bipolar signals
which drive the line transformer. The coded pulse shape values can optionally be
filtered during T1 Longhaul by LBO filter options. The internal sensing circuits
limit the drive current to less than 50 mA when a shorted line condition is
detected for more than 48 transmitted pulses. Normal drive levels are restored
when the short is removed. Typically, this is caused by a transmit cable short
circuit or a transient transmission line current surge. The activation sets the
TSHORT bit in Alarm 2 Status register [ALM2; addr 048].
2.9.4.1 Termination
Impedance
If an external termination resistor is used, the TERM bit in TLIU_CR must be set.
The transformer setting must also be set via the TURNS bit in TLIU_CR. An
external termination resistor can be used only if the transformer turns ratio is
1:1.36. The external termination resistor (RTerm) is placed in parallel across
XTIP/XRING, as illustrated in Figure 2-45.
Figure 2-45. External Termination Resistor Placement
XTIP
XRING
RLoad
VOUT
RTerm
Cable
1:N
Bt8370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com