Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 111 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 111 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 107Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 108Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 109Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 110Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 111Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 112Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 113Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 114Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 115Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 323 page
background image
Bt8370/8375/8376
2.0 Circuit Description
Fully Integrated T1/E1 Framer and Line Interface
2.10 Microprocessor Interface
N8370DSE
Conexant
2-83
2.10 Microprocessor Interface
The Microprocessor Interface (MPU) provides the capability to configure the
Bt8370, read status registers and counters, and respond to interrupts (see
Figure 2-48). The interface supports both the Intel 8051 and Motorola 68000-type
processors. In the Intel mode, the address and data are multiplexed; in the
Motorola mode, the address and data are separate pins. Both synchronous and
asynchronous Read and Write modes are supported. The synchronous mode is
optimized for Motorola 68000-type processors with a maximum clock rate of 36
MHz. The asynchronous mode runs internally at 32 MHz, which limits the
processor speed to 16 MHz for 8051 processors, and 30 MHz for 68302
processors.
The microprocessor interface consists of the following pins: MCLK, MOTO*,
SYNCMD, CS*, AS*, DS*, R/W*, DTACK*, AD[7:0], A[8:0], INTR*,
CLKMD, ONESEC, RST*. (A detailed description of the MPU pins is provided
in Table 1-1, Hardware Signal Definitions.)
Figure 2-48. Microprocessor Interface Block Diagram
MCLK
MOTO*
SYNCMD
CLKMD
CS*
AS*
DS*
R/W*
DTACK*
AD[7:0]
A[8:0]
INTR*
ONESEC
RST*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com