Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 104 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 104 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 100Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 101Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 102Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 103Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 104Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 105Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 106Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 107Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 108Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 323 page
background image
2.0 Circuit Description
Bt8370/8375/8376
2.9 Transmit Line Interface Unit
Fully Integrated T1/E1 Framer and Line Interface
2-76
Conexant
N8370DSE
2.9.2 Transmit Phase Lock Loop
The Transmit Phase Lock Loop (TPLL) operates at a nominal rate of either 1.544
MHz or 2.048 MHz, selected by T1/E1N [CR0; addr 001]. The pull-in and
hold-in range of the TPLL is
±200 ppm. The TPLL produces the transmit clock
(TCKO) and an 8x clock that is used by the pulse shape block to generate the
AMI pulses from TCKI clock mux, or JCLK.
2.9.2.1 Clock Reference
The TPLL reference clock is provided on the TCKO pin. If the jitter attenuator is
enabled in the transmit direction [JDIR; addr 002], TCKO is the dejittered TCKI
clock, or JCLK (if CLAD is enabled); otherwise, TCKO equals TCKI. The TCKI
source is selected by TCKI[1:0] [CMUX; addr 01A]. TCKI can have the
following selections: Recovered Receive Clock (RCKO), Receive System Bus
Clock Input (RSBCKI), Clock Rate Adapter Output (CLADO), or an external
clock, which is provided on the TCKI pin. The input clock jitter tolerance of the
TPLL is illustrated in Figure 2-40.
Figure 2-40. TPLL Input Clock Jitter Tolerance
10 k
1.0 k
10.0
100.0
1.0
0.1
0.1
1.0
10.0
100.0
1.0 k
10.0 k
100.0 k
TPLL
Sine Wave Jitter Frequency (Hz) [Log Scale]
138 UI
28 UI
40 dB/Decade
2 UI
TR 62411
0.2 UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com