Electronic Components Datasheet Search
  English  ▼

X  

BT8376EPF Datasheet(PDF) 285 Page - Synaptics Incorporated.

Part # BT8376EPF
Description  single chip transceivers for T1/E1 and Integrated Service Digital Network (ISDN) primary rate interfaces
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT8376EPF Datasheet(HTML) 285 Page - Synaptics Incorporated.

Back Button BT8376EPF Datasheet HTML 281Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 282Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 283Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 284Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 285Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 286Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 287Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 288Page - Synaptics Incorporated. BT8376EPF Datasheet HTML 289Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 323 page
background image
Bt8370/8375/8376
5.0 Electrical/Mechanical Specifications
Fully Integrated T1/E1 Framer and Line Interface
5.5 MPU Interface Timing
N8370DSE
Conexant
5-11
Figure 5-8. Intel Asynchronous Read Cycle
MOTO* = 1, SYNCMD = 0, CLKMD = 0
ALE
Address
Address
Read Data
A[8]
AD[7:0]
RD*
WR*
CS*
1
2
4
6
3
7
9
5
8
Table 5-11. Intel Asynchronous Read Cycle
Symbol
Parameter
Minimum
Maximum
Units
1
ALE high pulse width
15
—
ns
2
A[8], AD[7:0] Address setup to ALE low
5
—
ns
3
A[8], AD[7:0] Address hold after ALE low
10
—
ns
4
ALE low to RD* and CS* both low
0
—
ns
5
WR* high setup to RD* and CS* both low
0
—
ns
6
RD* and CS* both low to AD[7:0] valid
—
80
ns
7
RD* or CS* high to AD[7:0] invalid/three-state
0
15
ns
8
WR* high hold after RD* or CS* high
0
—
ns
9
RD* or CS* high to next ALE
0
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com