Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 31 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD4134 Datasheet HTML 27Page - Analog Devices AD4134 Datasheet HTML 28Page - Analog Devices AD4134 Datasheet HTML 29Page - Analog Devices AD4134 Datasheet HTML 30Page - Analog Devices AD4134 Datasheet HTML 31Page - Analog Devices AD4134 Datasheet HTML 32Page - Analog Devices AD4134 Datasheet HTML 33Page - Analog Devices AD4134 Datasheet HTML 34Page - Analog Devices AD4134 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
Data Sheet
AD4134
THEORY OF OPERATION
analog.com
Rev. 0 | 31 of 92
ANALOG FRONT-END DESIGN
SIMPLIFICATION
The result from the two major benefits of the CTSD architecture
described in the Easy to Drive Input and Reference section and the
Inherent Antialiasing Filter (AAF) section is a major simplification
of the analog front-end design of the precision medium bandwidth
data acquisition signal chain.
Figure 63 shows the analog front-end circuit for a discrete time
ADC. For discrete time ADC, in between the precision instrumenta-
tion amplifier and the ADC is a third-order antialiasing filter plus an
ADC driving circuit based on a fully differential ADC driving amplifi-
er. An additional RC circuit is required at the ADC input to ensure
stability of the driver and to help further suppress the kickback. A
reference driving circuit based on an operation amplifier is placed
between the reference IC and the ADC. The circuit incorporates
a second-order low-pass filter to help reduce the wideband noise
from the reference source.
Figure 64 shows the signal chain of the AD4134. For the continu-
ous time-based AD4134, the easy to drive and inherent antialiasing
property results in significant simplification of the analog front-end
design. Other than the apparent area and cost saving, the front-end
simplification also removes the noise, error, and instability intro-
duced by the removed circuit, improving the overall performance
of the signal chain. As shown in Figure 64, the instrumentation
amplifier can directly drive the resistive inputs of the AD4134,
and the bandwidth of the amplifier adds to the antialias rejection,
making the signal chain an alias free signal chain.
Figure 63. Example Analog Front-End Circuit Design of the Discrete Time-Based ADC
Figure 64. Example Analog Front-End Circuit Design of the AD4134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com