Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 55 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD4134 Datasheet HTML 51Page - Analog Devices AD4134 Datasheet HTML 52Page - Analog Devices AD4134 Datasheet HTML 53Page - Analog Devices AD4134 Datasheet HTML 54Page - Analog Devices AD4134 Datasheet HTML 55Page - Analog Devices AD4134 Datasheet HTML 56Page - Analog Devices AD4134 Datasheet HTML 57Page - Analog Devices AD4134 Datasheet HTML 58Page - Analog Devices AD4134 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
Data Sheet
AD4134
DEVICE CONFIGURATION
analog.com
Rev. 0 | 55 of 92
Data Delay
The data output of each channel of the AD4134 can be individually
delayed by 0, 1, or 2 MCLK cycles using the MPC_CONFIG
register. The front-end signal chain components can add varying
amounts of phase delay depending on factors like gain setting and
filtering. This feature gives the user flexibility to match the delays
on different channels and thus achieving tight phase matching
between channels.
POWER MODES
The AD4134 offers two power modes, high performance mode and
low power mode. These modes are available in both pin control
mode and SPI control mode. In pin control mode, the PWRMODE/
GPIO3 pin controls the AD4134 operating power mode. In SPI
control mode, the POWER_MODE bit controls the power mode.
Additional sleep mode is available in SPI control mode. Table 34
summarizes the power mode configurations. In both pin control
mode and SPI control mode, a full device power-down can be
initiated through the pin.
Table 34. Power Mode Configuration
PWRMODE/GPIO3 or
POWER_MODE Bit
SLEEP_MODE_EN
Device Power Mode
0
0
Low power mode
1
0
High performance mode
X
1
Sleep mode
To operate the device correctly in low power mode, the user must
toggle the setting from low power mode to high performance mode
and back to low power mode.
In pin control mode, to set the AD4134 in low power mode, toggle
the PWRMODE/GPIO3 pin to high and after a delay of 10 ms
toggle it back to low. In SPI control mode after power-up, change
the POWER_MODE bit from low to high and after a delay of 10 ms
change it back to low.
Also, in pin slave mode, first provide the ODR signal and then
change the power mode to ensure dynamic sampling of the
PWRMODE/GPIO3 pin.
INHERENT ANTIALIASING FILTER MODES
The CTSD architecture allows the AD4134 to reject signals around
the integer multiples of the modulator sampling frequency, protect-
ing its input band of interest from aliasing. The AD4134 offers two
antialiasing modes. The default antialiasing mode, AA1, offers a
typical 85 dB of aliasing rejection.
The other antialiasing mode, AA2, improves the rejection to 102.5
dB with the cost of a higher offset drift of 1.03 µV/°C, additional
power consumption of 3 mW per channel, and higher noise level
with dynamic range reduction.
The AA2 mode is only available in SPI control mode and can be
enabled by setting the AA_MODE bit to 1.
Table 35 shows typical performance differences in inherent antialias
modes. The filter is wideband 0.433 × ODR FIR filter, and the ODR
value is ODR = 374 kSPS.
Table 35. Performance Difference in Inherent Antialias Modes
Parameter
AA1 Mode
AA2 Mode
Dynamic Range
107.4 dB
105.9 dB
SNR
106.6 dB
105.4 dB
Alias Rejection
85 dB
102.5 dB
Offset Drift
0.5 µV/°C
1.03 µV/°C
Power per Channel
126 mW
129 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com