Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 5 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 5 Page - Analog Devices

  AD4134 Datasheet HTML 1Page - Analog Devices AD4134 Datasheet HTML 2Page - Analog Devices AD4134 Datasheet HTML 3Page - Analog Devices AD4134 Datasheet HTML 4Page - Analog Devices AD4134 Datasheet HTML 5Page - Analog Devices AD4134 Datasheet HTML 6Page - Analog Devices AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
Data Sheet
AD4134
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 92
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Offset Error6
High performance mode
±100
±600
µV
Low power mode
±100
±600
µV
Offset Error Drift
High performance mode
0.9
3.7
µV/°C
Low power mode
0.8
3
µV/°C
Gain Error6
High performance mode, master mode
±350
±850
ppm of FSR
Low power mode, master mode
±150
±500
ppm of FSR
Gain Drift
2
5.1
ppm/°C
Voltage Noise
0.1 Hz to 10 Hz
1.01
µV p-p
ANALOG INPUTS
Differential Input Voltage Range (VIN) −VREF is the negative reference voltage and +VREF is
the positive reference voltage
−VREF
+VREF
V
Input Common-Mode Voltage Range
(VCM)
VREF/2
AVDD5/2
V
Input Current
317
µA/V
Input Current Drift
8.3
nA/V/°C
Differential Input Resistance
6.25
kΩ
VCM PIN
Output Voltage
VREF/20
AVDD5/2
V
Load Regulation (∆VOUT/∆IL)
313
µV/mA
Voltage Regulation (∆VOUT/∆VAVDD5V)
993
µV/V
Short-Circuit Current
45
mA
Loading Capacitance
200
pF
Additive Voltage Noise Density
70
nV/√Hz
EXTERNAL REFERENCE
REFIN Voltage (VREF)
REFIN to REFGND high performance mode
4.096 or 5
V
REFIN to REFGND low power mode
4.096 or 5
V
REFIN Current
All channels on, high performance mode
5.85
mA
All channels on, low power mode
3.22
mA
One channel on, high performance mode
1.53
mA
One channel on, low power mode
0.9
mA
REFIN off
0.5
µA
REFIN Current Drift
40
nA/V/°C
REFIN Resistance
All channels on
0.7
kΩ
One channel on
2.66
kΩ
All channels on, low power mode
1.27
kΩ
One channel on, low power mode
4.79
kΩ
MODULATOR MAGNITUDE
RESPONSE
High Performance Mode
At 100 kHz, ODR = 374 kSPS
−0.0202
dB
At 20 kHz, ODR = 374 kSPS
−0.0024
dB
Low Power Mode
At 50 kHz, ODR = 187 kSPS
−0.0122
dB
At 20 kHz, ODR = 187 kSPS
−0.00189
dB
SYNCHRONIZATION
At 20 kHz
Channel to Channel Phase Matching7
1.57
3.3
ns
Channel to Channel Phase Matching
Drift
4.17
ps/°C
Device to Device Phase Matching8
ODR = 1496 kSPS
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com