Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 74 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 74 Page - Analog Devices

Back Button AD4134 Datasheet HTML 70Page - Analog Devices AD4134 Datasheet HTML 71Page - Analog Devices AD4134 Datasheet HTML 72Page - Analog Devices AD4134 Datasheet HTML 73Page - Analog Devices AD4134 Datasheet HTML 74Page - Analog Devices AD4134 Datasheet HTML 75Page - Analog Devices AD4134 Datasheet HTML 76Page - Analog Devices AD4134 Datasheet HTML 77Page - Analog Devices AD4134 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
Data Sheet
AD4134
REGISTER MAP (SPI CONTROL)
analog.com
Rev. 0 | 74 of 92
See Table 38 for the register map for the device (SPI control).
Table 38. Register Map
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x0
INTERFACE_
CONFIG_A
SOFT_
RESET
Reserved
ADDRESS_
ASCENSION_
BIT
SDO_
ACTIVE_
BIT
SDO_
ACTIVE_
BIT_
MIRROR
ADDRESS_
ASCENSION_
BIT_MIRROR
Reserved
SOFT_
RESET_
MIRROR
0x18
R/W
0x1
INTERFACE_
CONFIG_B
SINGLE_
INSTR
Reserved
MASTER_
SLAVE_
RD_CTRL
Reserved
DIG_IF_
RESET
Reserved
0x80
R/W
0x2
DEVICE_CONFIG
Reserved
OP_IN_
PROGRESS
NO_CHIP_
ERR
Reserved
POWER_
MODE
0xD0
R/W
0x3
CHIP_TYPE
CHIP_TYPE
0x07
R
0x4
PRODUCT_ID_LSB
PRODUCT_ID[7:0]
N/A1
R
0x5
PRODUCT_ID_MSB
PRODUCT_ID[15:8]
N/A1
R
0x6
CHIP_GRADE
PRODUCT_GRADE
DEVICE_VERSION
0x00
R
0x7
SILICON_REV
SILICON_REVISION_ID
0x00
R
0xA
SCRATCH_PAD
SCRATCH_PAD
0x00
R/W
0xB
SPI_REVISION
SPI_REVSION_NUMBER
0x02
R
0xC
VENDOR_ID_LSB
VENDOR_ID[7:0]
0x56
R
0xD
VENDOR_ID_MSB
VENDOR_ID[15:8]
0x04
R
0xE
STREAM_MODE
STREAM_MODE_BITS
0x00
R/W
0xF
TRANSFER_
REGISTER
Reserved
MASTER_
SLAVE_
TX_BIT
0x00
R/W
0x10
DEVICE_CONFIG_1
Reserved
AA_MODE SDO_PIN_
SRC_SEL
REFIN_
GAIN_
CORR_EN
XCLKOUT_
EN
0x00
R/W
0x11
DATA_PACKET_
CONFIG
CRC_
POLY_
RST_
SEL
Reserved
Frame
DCLK_FREQ_SEL
0x00
R/W
0x12
DIGITAL_INTERFACE
_
CONFIG
DAISY_CHAIN_DEV_NUM
AVG_SEL
Format
0x00
R/W
0x13
POWER_DOWN_
CONTROL
Reserved
PWRDN_
CH3
PWRDN_
CH2
PWRDN_
CH1
PWRDN_
CH0
Reserved
PWRDN_
LDO
SLEEP_
MODE_EN
0x00
R/W
0x14
RESERVED
Reserved
0x00
R/W
0x15
DEVICE_STATUS
Reserved
STAT_
DCLKMODE
STAT_
DCLKIO
STAT_
MODE
STAT_
CLKSEL
STAT_
FUSE_
ECC
STAT_PLL_
LOCK
0x00
R
0x16
ODR_VAL_INT_LSB
ODR_VAL_INT[7:0]
0x40
R/W
0x17
ODR_VAL_INT_MID
ODR_VAL_INT[15:8]
0x00
R/W
0x18
ODR_VAL_INT_MSB
ODR_VAL_INT[23:16]
0x00
R/W
0x19
ODR_VAL_FLT_LSB
ODR_VAL_FLT[7:0]
0x72
R/W
0x1A
ODR_VAL_FLT_MID0
ODR_VAL_FLT[15:8]
0xB7
R/W
0x1B
ODR_VAL_FLT_MID1
ODR_VAL_FLT[23:16]
0xCE
R/W
0x1C
ODR_VAL_FLT_MSB
ODR_VAL_FLT[31:24]
0x2B
R/W
0x1D
CHANNEL_ODR_
SELECT
ODR_RATE_SEL_CH3
ODR_RATE_SEL_CH2
ODR_RATE_SEL_CH1
ODR_RATE_SEL_CH0
0x00
R/W
0x1E
CHAN_DIG_
FILTER_SEL
DIGFILTER_SEL_CH3
DIGFILTER_SEL_CH2
DIGFILTER_SEL_CH1
DIGFILTER_SEL_CH0
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com