Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 86 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 86 Page - Analog Devices

Back Button AD4134 Datasheet HTML 82Page - Analog Devices AD4134 Datasheet HTML 83Page - Analog Devices AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices AD4134 Datasheet HTML 87Page - Analog Devices AD4134 Datasheet HTML 88Page - Analog Devices AD4134 Datasheet HTML 89Page - Analog Devices AD4134 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 86 of 92
Table 73. Bit Descriptions for VCMBUF_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
10011 VCM = VREF × 1/20.
11101 VCM = VREF × 10/20.
11110 VCM = VREF × 10/20.
11111 VCM = VREF × 10/20.
0
VCMBUF_REF_SEL
VCM Output Source Selection.
0x0
R/W
0 VCM as a ratio of VREF. The VCM output level is VREF divided by the ratio set with
VCMBUF_REF_DIV_SEL.
1 VCM is fixed to AVDD5/2.
Address: 0x25, Reset: 0x00, Name: Diagnostic Control
Table 74. Bit Descriptions for Diagnostic Control
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
Reserved
Reserved.
0x0
R
5
ERR_OR_AIN_EN
Enables Overrange Monitor on all Enabled Analog Input Channels.
0x0
R/W
0 Input overvoltage monitor is disabled.
1 Input overvoltage monitor is enabled.
4
Reserved
Reserved
0x0
R
3
MCLK_CNT_EN
Enables Master Clock Counter. Starts the MCLK counter, which monitors the external clock being
used by the ADC.
0x0
R/W
0 Disables MCLK counter.
1 Enables MCLK counter.
2
ERR_SPI_CRC_EN
Enables CRC Check on SPI Read and Write Operations. The ERR_SPI_CRC bit in the SPI error
register is set if the CRC check fails. In addition, an 8-bit CRC word is appended to all SPI read
operations.
0x0
R/W
0 SPI CRC disabled.
1 SPI CRC enabled.
1
ERR_MM_CRC_EN
Enables Memory Map CRC Calculation. CRC calculation is performed on the memory map each
time the registers are written to. Following this write, periodic CRC checks are performed on the
on-chip registers. If the register contents have changed, the ERR_MM_CRC bit is set.
0x0
R/W
0 Disables memory map CRC check.
1 Enables memory map CRC check.
0
FUSE_CRC_CHECK
Initiates a CRC Calculation on the Fuse Contents. If the fuse contents have changed, the
ERR_FUSE_CRC bit is set. This bit is cleared on completion of the check.
0x0
R/W
0 CRC calculation disabled.
1 CRC calculation enabled.
Address: 0x26, Reset: 0x00, Name: MPC_CONFIG
Table 75. Bit Descriptions for MPC_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
MPC_CLKDEL_EN_CH3
Magnitude and Phase Matching Calibration Clock Delay Enable for Channel 3.
0x0
R/W
00 Magnitude and phase clock delay: 0 clock delays.
01 Magnitude and phase clock delay: 1 clock delay.
10 Magnitude and phase clock delay: 2 clock delays.
11 Magnitude and phase clock delay: 0 clock delays.
[5:4]
MPC_CLKDEL_EN_CH2
Magnitude and Phase Matching Calibration Clock Delay Enable for Channel 2.
0x0
R/W
00 Magnitude and phase clock delay: 0 clock delays.
01 Magnitude and phase clock delay: 1 clock delay.
10 Magnitude and phase clock delay: 2 clock delays.
11 Magnitude and phase clock delay: 0 clock delays.
[3:2]
MPC_CLKDEL_EN_CH1
Magnitude and Phase Matching Calibration Clock Delay Enable for Channel 1.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com