Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 89 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices AD4134 Datasheet HTML 87Page - Analog Devices AD4134 Datasheet HTML 88Page - Analog Devices AD4134 Datasheet HTML 89Page - Analog Devices AD4134 Datasheet HTML 90Page - Analog Devices AD4134 Datasheet HTML 91Page - Analog Devices AD4134 Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 89 of 92
Table 92. Bit Descriptions for CH2_OFFSET_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_CH2[15:8]
Channel 2 Offset Calibration Value.
0x0
R/W
Address: 0x38, Reset: 0x00, Name: CH2_OFFSET_MSB
Table 93. Bit Descriptions for CH2_OFFSET_MSB
Bits
Bit Name
Settings
Description
Reset
Access
7
OFFSET_CAL_EN_CH2
Enables Offset Calibration on Channel 2.
0x0
R/W
[6:0]
OFFSET_CH2[22:16]
Channel 2 Offset Calibration Value.
0x0
R/W
Address: 0x39, Reset: 0x00, Name: CH3_GAIN_LSB
Table 94. Bit Descriptions for CH3_GAIN_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GAIN_CH3[7:0]
Channel 3 Gain Calibration Value.
0x0
R/W
Address: 0x3A, Reset: 0x00, Name: CH3_GAIN_MID
Table 95. Bit Descriptions for CH3_GAIN_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GAIN_CH3[15:8]
Channel 3 Gain Calibration Value.
0x0
R/W
Address: 0x3B, Reset: 0x00, Name: CH3_GAIN_MSB
Table 96. Bit Descriptions for CH3_GAIN_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
Reserved
Reserved.
0x0
R
4
GAIN_CAL_SEL_CH3
Enables Gain Calibration on Channel 3.
0x0
R/W
[3:0]
GAIN_CH3[19:16]
Channel 3 Gain Calibration Value.
0x0
R/W
Address: 0x3C, Reset: 0x00, Name: CH3_OFFSET_LSB
Table 97. Bit Descriptions for CH3_OFFSET_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_CH3[7:0]
Channel 3 Offset Calibration Value.
0x0
R/W
Address: 0x3D, Reset: 0x00, Name: CH3_OFFSET_MID
Table 98. Bit Descriptions for CH3_OFFSET_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_CH3[15:8]
Channel 3 Offset Calibration Value.
0x0
R/W
Address: 0x3E, Reset: 0x00, Name: CH3_OFFSET_MSB
Table 99. Bit Descriptions for CH3_OFFSET_MSB
Bits
Bit Name
Settings
Description
Reset
Access
7
OFFSET_CAL_EN_CH3
Enables Offset Calibration on Channel 3.
0x0
R/W
[6:0]
OFFSET_CH3[22:16]
Channel 3 Offset Calibration Value.
0x0
R/W
Address: 0x3F, Reset: 0x00, Name: MCLK_COUNTER
Table 100. Bit Descriptions for MCLK_COUNTER
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
MCLK_COUNT
8-Bit Counter that Increments Once Every 12,000 MCLK Cycles. The counter output is read back,
which enables the user to determine the frequency of the external clock. The MCLK counter starts
when MCLK_CNT_EN is set, and ends when it reaches 255 MCLK cycles.
0x0
R
Address: 0x40, Reset: 0x00, Name: DIG_FILTER_OFUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com