Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 41 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD4134 Datasheet HTML 37Page - Analog Devices AD4134 Datasheet HTML 38Page - Analog Devices AD4134 Datasheet HTML 39Page - Analog Devices AD4134 Datasheet HTML 40Page - Analog Devices AD4134 Datasheet HTML 41Page - Analog Devices AD4134 Datasheet HTML 42Page - Analog Devices AD4134 Datasheet HTML 43Page - Analog Devices AD4134 Datasheet HTML 44Page - Analog Devices AD4134 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
Data Sheet
AD4134
CIRCUIT INFORMATION
analog.com
Rev. 0 | 41 of 92
DIGITAL FILTERS
The AD4134 offers four types of digital filters: sinc3, sinc6, and two
wideband filters. The sinc3 filter type includes an additional setting
with 50 Hz/60 Hz rejection (see Table 19). In SPI control mode,
these filters can be chosen on a per channel basis. In pin control
mode, only one filter can be selected for all channels.
The digital filters available can be operated at any output data rate
within the range mentioned in Table 19, allowing the user to choose
the optimal input bandwidth and speed of the conversion vs. the
desired power mode or resolution.
Table 19. Digital Filter Options
Filter Name
−3 dB Band-
width (Hz)
ODR
Range
Description
Sinc3 Filter
0.2617 × OD
R
0.01
kSPS to
1496 kS
PS
Fast settling
Sinc3 Filter with 50
Hz/60 Hz Rejection
0.2753 ×
ODR
0.01
kSPS to
1496 kS
PS
Fast settling with simulta-
neous 50 Hz and 60 Hz
rejection when ODR = 50
SPS
Sinc6 Filter
0.1861 ×
ODR
2.5
kSPS to
1.496 M
SPS
Balancing settling with re-
jection
Wideband 0.433 × ODR
Filter
0.433 × ODR 2.5
kSPS to
374 kSP
S
Wideband low ripple filter
Wideband 0.10825 ×
ODR Filter (Available
Only in SPI Control
Mode)
0.108 × ODR 2.5
kSPS to
374 kSP
S
Wideband low ripple filter
with lower bandwidth
Sinc Filters
The sinc filters on the AD4134 employ a cascaded integrator comb
(CIC) topology to produce a response similar to a sinc function,
equivalent to a running averaging operation on the output samples
from the ASRC. The sinc filters enable a low latency signal path,
useful for applications such as time domain analysis, measurement
of dc inputs, and for control loops. Two types of sinc filters are
available on the AD4134. The sinc6 filter offers a balance between
noise rejection and latency, whereas the sinc3 filter offers the
minimum latency path and supports a wide ODR range down to 10
SPS.
The sinc6 filter has a −3 dB bandwidth of 0.1861 × ODR, and
the sinc3 filter has a −3 dB bandwidth of 0.2617 × ODR. The
Noise Performance and Resolution section contains the noise per-
formance for the sinc filters across power modes and ODR values.
Figure 76. Sinc6 Filter Frequency Response
Figure 77. Sinc3 Filter Frequency Response
The settling of the sinc6 filter is 6.5/ODR. For a 374 kSPS ODR, the
time to fully settled data is 17.37 µs.
Figure 78. Sinc6 Filter Step Response
The settling of the sinc3 filter is 3.5/ODR cycles. Therefore, for a
374 kSPS ODR, the time to fully settled data is 9.35 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com