Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 35 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD4134 Datasheet HTML 31Page - Analog Devices AD4134 Datasheet HTML 32Page - Analog Devices AD4134 Datasheet HTML 33Page - Analog Devices AD4134 Datasheet HTML 34Page - Analog Devices AD4134 Datasheet HTML 35Page - Analog Devices AD4134 Datasheet HTML 36Page - Analog Devices AD4134 Datasheet HTML 37Page - Analog Devices AD4134 Datasheet HTML 38Page - Analog Devices AD4134 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Data Sheet
AD4134
NOISE PERFORMANCE AND RESOLUTION
analog.com
Rev. 0 | 35 of 92
Table 15. Sinc3 Filter, High Performance Mode Noise Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate
(kSPS)
−3 dB Bandwidth (kHz)
Single Channel
2:1 Channel Averaging
4:1 Channel Averaging
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise (µV)
1496
391.503
95.32
49.64
98.67
33.74
101.46
24.48
1000
261.70
101.62
24.03
105.05
16.18
107.97
11.56
750
196.28
104.72
16.82
108.01
11.51
110.97
8.19
375
98.14
109.56
9.63
112.64
6.76
115.59
4.81
187.5
49.07
112.88
6.58
116.11
4.53
119.04
3.23
128
33.50
114.76
5.29
117.81
3.72
120.72
2.66
64
16.75
117.83
3.72
120.91
2.60
123.88
1.85
32
8.37
120.91
2.61
124.10
1.80
126.87
1.31
16
4.19
125.74
1.50
128.66
1.06
131.54
0.76
5
1.31
128.29
1.11
131.34
0.78
134.17
0.56
2.5
0.654
130.89
0.83
133.60
0.60
136.30
0.44
1.25
0.327
132.91
0.66
135.52
0.48
138.08
0.36
0.625
0.164
134.66
0.54
137.28
0.39
139.79
0.29
0.06
0.016
137.59
0.38
139.89
0.29
142.62
0.21
0.05
0.013
137.46
0.39
139.49
0.30
141.81
0.23
0.01
0.003
137.22
0.40
140.07
0.28
141.65
0.23
Table 16. Sinc3 Filter, Low Power Mode Noise Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate
(kSPS)
−3 dB Bandwidth
(kHz)
Single Channel
2:1 Channel Averaging
4:1 Channel Averaging
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise (µV)
1496
391.503
76.68
424.32
79.72
299.01
82.62
214.21
1000
261.70
85.34
156.58
88.44
109.66
91.26
79.17
750
196.28
91.30
78.89
87.19
126.6
97.41
39.00
375
98.14
98.67
33.77
101.30
24.94
103.42
19.52
187.5
49.07
108.35
11.08
111.42
7.78
114.42
5.50
128
33.50
110.49
8.65
113.50
6.12
116.36
4.40
64
16.75
113.73
5.96
116.70
4.23
119.69
3.00
32
8.37
116.75
4.21
119.73
2.98
122.74
2.11
16
4.19
121.75
2.37
124.65
1.69
127.7
1.19
5
1.31
124.63
1.70
127.59
1.20
130.54
0.86
2.5
0.654
127.47
1.23
130.24
0.89
133.21
0.63
1.25
0.327
130.07
0.91
133.05
0.64
135.59
0.48
0.625
0.164
132.59
0.68
135.23
0.50
137.85
0.37
0.06
0.016
137.95
0.37
140.07
0.28
141.77
0.23
0.05
0.013
137.87
0.37
139.98
0.29
141.97
0.23
0.01
0.003
138.06
0.36
140.67
0.26
141.78
0.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com