Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 75 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 75 Page - Analog Devices

Back Button AD4134 Datasheet HTML 71Page - Analog Devices AD4134 Datasheet HTML 72Page - Analog Devices AD4134 Datasheet HTML 73Page - Analog Devices AD4134 Datasheet HTML 74Page - Analog Devices AD4134 Datasheet HTML 75Page - Analog Devices AD4134 Datasheet HTML 76Page - Analog Devices AD4134 Datasheet HTML 77Page - Analog Devices AD4134 Datasheet HTML 78Page - Analog Devices AD4134 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
Data Sheet
AD4134
REGISTER MAP (SPI CONTROL)
analog.com
Rev. 0 | 75 of 92
Table 38. Register Map
Reg
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x1F
FIR_BW_SEL
Reserved
WB_
FILTER_
SEL_CH3
WB_
FILTER_
SEL_CH2
WB_
FILTER_
SEL_CH1
WB_
FILTER_
SEL_CH0
0x00
R/W
0x20
GPIO_DIR_CTRL
GPIO_IO_CONTROL
0x00
R/W
0x21
GPIO_DATA
GPIO_DATA
0x00
R/W
0x22
ERROR_PIN_
SRC_CONTROL
Reserved
ERR_PIN_EN_
OR_AIN
ERR_PIN_
EN_
INTERNAL
ERR_PIN_
EN_SPI
Reserved
0x00
R/W
0x23
ERROR_PIN_CONTR
OL
Reserved
ERR_PIN_
IN_STATUS
ERR_PIN
_IN_EN
ERR_PIN
_OUT_EN
0x00
R/W
0x24
VCMBUF_CTRL
Reserved
PWRDN_
VCMBUF
VCMBUF_REF_DIV_SEL
VCMBUF_
REF_SEL
0x00
R/W
0x25
Diagnostic Control
Reserved
ERR_OR_AIN_E
N
Reserved
MCLK_
CNT_EN
ERR_SPI_
CRC_EN
ERR_MM_
CRC_EN
FUSE_CRC_
CHECK
0x00
R/W
0x26
MPC_CONFIG
MPC_CLKDEL_EN_
CH3
MPC_CLKDEL_EN_CH2
MPC_CLKDEL_EN_CH1
MPC_CLKDEL_EN_CH0
0x00
R/W
0x27
CH0_GAIN_LSB
GAIN_CH0[7:0]
0x00
R/W
0x28
CH0_GAIN_MID
GAIN_CH0[15:8]
0x00
R/W
0x29
CH0_GAIN_MSB
Reserved
GAIN_CAL
_SEL_CH0
GAIN_CH0[19:16]
0x00
R/W
0x2A
CH0_OFFSET_LSB
OFFSET_CH0[7:0]
0x00
R/W
0x2B
CH0_OFFSET_MID
OFFSET_CH0[15:8]
0x00
R/W
0x2C
CH0_OFFSET_MSB
OFFSET_
CAL_EN_
CH0
OFFSET_CH0[22:16]
0x00
R/W
0x2D
CH1_GAIN_LSB
GAIN_CH1[7:0]
0x00
R/W
0x2E
CH1_GAIN_MID
GAIN_CH1[15:8]
0x00
R/W
0x2F
CH1_GAIN_MSB
Reserved
GAIN_CAL
_SEL_CH1
GAIN_CH1[19:16]
0x00
R/W
0x30
CH1_OFFSET_LSB
OFFSET_CH1[7:0]
0x00
R/W
0x31
CH1_OFFSET_MID
OFFSET_CH1[15:8]
0x00
R/W
0x32
CH1_OFFSET_MSB
OFFSET_
CAL_EN_
CH1
OFFSET_CH1[22:16]
0x00
R/W
0x33
CH2_GAIN_LSB
GAIN_CH2[7:0]
0x00
R/W
0x34
CH2_GAIN_MID
GAIN_CH2[15:8]
0x00
R/W
0x35
CH2_GAIN_MSB
Reserved
GAIN_CAL
_SEL_CH2
GAIN_CH2[19:16]
0x00
R/W
0x36
CH2_OFFSET_LSB
OFFSET_CH2[7:0]
0x00
R/W
0x37
CH2_OFFSET_MID
OFFSET_CH2[15:8]
0x00
R/W
0x38
CH2_OFFSET_MSB
OFFSET_
CAL_EN_
CH2
OFFSET_CH2[22:16]
0x00
R/W
0x39
CH3_GAIN_LSB
GAIN_CH3[7:0]
0x00
R/W
0x3A
CH3_GAIN_MID
GAIN_CH3[15:8]
0x00
R/W
0x3B
CH3_GAIN_MSB
Reserved
GAIN_CAL
_SEL_CH3
GAIN_CH3[19:16]
0x00
R/W
0x3C
CH3_OFFSET_LSB
OFFSET_CH3[7:0]
0x00
R/W
0x3D
CH3_OFFSET_MID
OFFSET_CH3[15:8]
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com