Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 15 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD4134 Datasheet HTML 11Page - Analog Devices AD4134 Datasheet HTML 12Page - Analog Devices AD4134 Datasheet HTML 13Page - Analog Devices AD4134 Datasheet HTML 14Page - Analog Devices AD4134 Datasheet HTML 15Page - Analog Devices AD4134 Datasheet HTML 16Page - Analog Devices AD4134 Datasheet HTML 17Page - Analog Devices AD4134 Datasheet HTML 18Page - Analog Devices AD4134 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
Data Sheet
AD4134
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 15 of 92
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
5
DEC1/DCLKMODE
DI
Decimation Ratio Selection Input 1 in Pin Control Master Mode (DEC1). Tie this pin to IOVDD or to IOGND to set
the output data rate. See the Programming Output Data Rate and Clock section for more details.
DCLK Mode Control in Pin Control Slave Mode and in SPI Control Mode (DCLKMODE). Tie this pin high to IOVDD
to set DCLK to operate in free running mode. Tie this pin low to ground to set DCLK to operate in gated mode.
6
DEC0/DCLKIO
DI
Decimation Ratio Selection Input 0 in Pin Control Master Mode (DEC0). Tie this pin to IOVDD or to IOGND to set
the output data rate. See the Programming Output Data Rate and Clock section for more details.
DCLK Pin I/O Direction Control in Pin Control Slave Mode and in SPI Control Mode (DCLKIO). In master mode,
tie this pin to IOVDD to configure DCLK as an output. In slave mode, tie this pin low to ground to set DCLK as an
input. When the DEC1/DCLKMODE pin is high (DCLK is in free running mode), the DCLKIO input is ignored and
the DCLK direction is always the same as the ODR pin.
7
DOUT3
DI/O
Data Output 3. The output data is synchronous to DCLK and framed by the ODR pin. In Daisy-Chaining
Configuration this pin functions as input taking data from downstream device.
8
DOUT2
DI/O
Data Output 2. The output data is synchronous to DCLK and framed by the ODR pin. In Daisy-Chaining
Configuration this pin functions as input taking data from downstream device.
9
DOUT1
DO
Data Output 1. The output data is synchronous to DCLK and framed by the ODR pin.
10
DOUT0
DO
Data Output 0. The output data is synchronous to DCLK and framed by the ODR pin.
11
DCLK
DI/O
ADC Conversion Data Clock. Conversion data on the DOUT0 pin to the DOUT3 pin is clocked out synchronously
by DCLK. In pin control master mode, DCLK is configured as an output operating in gated mode. In pin control
slave mode or in SPI control mode, the DCLK direction and mode of operation are determined by the DEC1/
DCLKMODE pin and DCLKIO pin. Refer to Table 29 for details. In master mode, DCLK frequency is programmable
through DCLKRATEx in pin control mode or the DATA_PACKET_CONFIG register in SPI control mode.
12
ODR
DI/O
Output Data Rate Control and Framing. The frequency of the ODR signal matches the ADC output data rate. The
edges of the ODR signal can be used to frame the conversion output data bit steam. In master mode, the ODR
pin is configured as an output with the pin-programmable and register-programmable frequency derived from the
device master clock. In slave mode, the ODR pin is configured as an input to allow the external clock to control the
ADC output data rate.
13
IOVDD
P
Digital I/O Supply. This pin sets the logic levels for all interface I/O pins.
14
IOGND
GND
I/O Interface Ground Reference.
15
FILTER0/GPIO4
DI/O
Digital Filter Type Selection Input 0 in Pin Control Mode (FILTER0). Tie this pin to IOVDD or to IOGND to select the
digital filter options. See the Programming Digital Filter section for more details.
General-Purpose Input/Output 4 in SPI Control Mode (GPIO4).
16
FILTER1/GPIO5
DI/O
Digital Filter Type Selection Input 1 in Pin Control Mode (FILTER1). Tie this pin to IOVDD or to IOGND to select the
digital filter options. See the Programming Digital Filter section for more details.
General-Purpose Input/Output 5 in SPI Control Mode (GPIO5).
17
FRAME0/GPIO6
DI/O
Conversion Output Data Frame Control Input 0 in Pin Control Mode (FRAME0). Tie this pin to IOVDD or to IOGND
to select the conversation output data frame. See the Data Frame section for more details.
General-Purpose Input/Output 6 in SPI Control Mode (GPIO6).
18
FRAME1/GPIO7
DI/O
Conversion Output Data Frame Control Input 1 in Pin Control Mode (FRAME1). Tie this pin to IOVDD or to IOGND
to select the conversation output data frame. See the Data Frame section for more details.
General-Purpose Input/Output 7 in SPI Control Mode (GPIO7).
19
DGND1V8
GND
Ground Reference for Digital Supply Voltage, 1.8 V.
20
DVDD1V8
P
Digital Supply Voltage, 1.8 V. The pin is supplied from an external source or the internal LDO regulator. In either
case, a decoupling capacitor of 10 µF is required between DVDD1V8 and DGND1V8.
21
AVDD1V8
P
Analog Supply Voltage 1.8 V. The pin is supplied from an external source or the internal LDO regulator. In either
case, a decoupling capacitor of 10 µF is required between AVDD1V8 and AGND1V8.
22
AGND1V8
GND
Ground Reference for Analog Supply Voltage, 1.8 V.
23
LDOIN
P
Input for Three Internal 1.8 V LDO Regulators Powering AVDD1V8, DVDD1V8, and CLKVDD. Tie this pin to
DVDD1V8 if an external power supply is used to power AVDD1V8, DVDD1V8, and CLKVDD. A 10 µF decoupling
capacitor is required between LDOIN and DGND1V8. See the On-Board LDO Regulators section for more details.
24
DGND5
GND
Ground Reference for Digital Supply Voltage, 5 V.
25
DVDD5
P
Digital Supply Voltage, 5 V. A decoupling capacitor of 10 µF is required between DVDD5 and DGND5.
26
AVDD5
P
Analog Supply Voltage, 5 V. A decoupling capacitor of 10 µF is required between AVDD5 and AGND5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com