Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 78 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD4134 Datasheet HTML 74Page - Analog Devices AD4134 Datasheet HTML 75Page - Analog Devices AD4134 Datasheet HTML 76Page - Analog Devices AD4134 Datasheet HTML 77Page - Analog Devices AD4134 Datasheet HTML 78Page - Analog Devices AD4134 Datasheet HTML 79Page - Analog Devices AD4134 Datasheet HTML 80Page - Analog Devices AD4134 Datasheet HTML 81Page - Analog Devices AD4134 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 78 of 92
Table 41. Bit Descriptions for DEVICE_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[3:1]
Reserved
Reserved.
0x0
R
0
POWER_MODE
Device Power Mode Control.
0x0
R/W
0
Low power mode.
1
High performance mode.
Address: 0x3, Reset: 0x07, Name: CHIP_TYPE
Table 42. Bit Descriptions for CHIP_TYPE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
CHIP_TYPE
Code to Indicate the Type of Device. Read 0x07 to confirm for precision ADC.
0x7
R
Address: 0x4, Reset: 0x00, Name: PRODUCT_ID_LSB
Table 43. Bit Descriptions for PRODUCT_ID_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PRODUCT_ID[7:0]
Product ID.
Not applicable1
R
1 Reset value is time stamp dependent and programmed in production.
Address: 0x5, Reset: 0x00, Name: PRODUCT_ID_MSB
Table 44. Bit Descriptions for PRODUCT_ID_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PRODUCT_ID[15:8]
Product ID.
Not applicable1
R
1 Reset value is time stamp dependent and programmed in production.
Address: 0x6, Reset: 0x00, Name: CHIP_GRADE
Table 45. Bit Descriptions for CHIP_GRADE
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
PRODUCT_GRADE
Grade of the Device.
0x0
R
[3:0]
DEVICE_VERSION
Device Version.
0x0
R
Address: 0x7, Reset: 0x02, Name: SILICON_REV
Table 46. Bit Descriptions for SILICON_REV
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SILICON_REVISION_ID
Stores the Revision Number of the Current Silicon.
0x0
R
Address: 0xA, Reset: 0x00, Name: SCRATCH_PAD
Table 47. Bit Descriptions for SCRATCH_PAD
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SCRATCH_PAD
Scratch Pad for Checking SPI Read and Write Operation.
0x0
R/W
Address: 0xB, Reset: 0x02, Name: SPI_REVISION
Table 48. Bit Descriptions for SPI_REVISION
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SPI_REVSION_NUMBER
Indicate the Revision Number of the SPI Protocol.
0x2
R
Address: 0xC, Reset: 0x56, Name: VENDOR_ID_LSB
Table 49. Bit Descriptions for VENDOR_ID_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VENDOR_ID[7:0]
Vendor ID.
0x56
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com