Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 64 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD4134 Datasheet HTML 60Page - Analog Devices AD4134 Datasheet HTML 61Page - Analog Devices AD4134 Datasheet HTML 62Page - Analog Devices AD4134 Datasheet HTML 63Page - Analog Devices AD4134 Datasheet HTML 64Page - Analog Devices AD4134 Datasheet HTML 65Page - Analog Devices AD4134 Datasheet HTML 66Page - Analog Devices AD4134 Datasheet HTML 67Page - Analog Devices AD4134 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Data Sheet
AD4134
DIGITAL INTERFACE
analog.com
Rev. 0 | 64 of 92
SPI CRC
The SPI CRC code is an optional feature. Enabling it allows the
user to improve transaction robustness on the SPI bus, for exam-
ple, in a noisy environment.
The SPI CRC is calculated with the x8 + x2 + x + 1 polynomial with
an initial seed value of 0xA5.
The SPI CRC achieves a Hamming distance of 4 with a maximum
word length of 119 bits.
3-Wire Isolated Mode
The AD4134 powers up in 3-wire isolated mode and a toggle on the
chip select line makes the AD4134 exit this mode. The chip select
line is not used and must be connected to ground. The SPI packet
is 24 bits, consisting of an 8-bit command and address, 8-bit data
(entity), and 8-bit CRC. See Figure 112 for 3-wire isolated mode.
Also note that a streaming register read or write is not supported in
this mode.
Figure 112. 3-Wire Isolated Mode
Additional SPI Features
The AD4134 provides the user several options to control the SPI.
Some of the features are listed in the Single Instruction Mode
section through the Master Slave Transfer Bit section.
Single Instruction Mode
When the SINGLE_INSTR bit is set, streaming is disabled and only
one read or write operation is performed regardless of the state of
the line. If this bit is set and remains asserted, the state machine
resets after the data byte as if it was deasserted and awaits the
next instruction. Single instruction mode forces each data byte to be
preceded with a new instruction even though the line has not been
deasserted. Single instruction mode also allows additional flexibility
in the usage of the pin if it is required for an application. The default
for this bit is set, resulting in streaming being enabled.
SPI Lock/Unlock
The AD4134 provides the user an option to lock the SPI by per-
forming an SPI write of 24 consecutive 1s. This write blocks the
SPI read/write access to registers. To unlock and reset, the user
must perform an SPI write of 23 1s and one 0. The status of the
SPI can be read by completing an SPI read to an SPI register
whose value is known. If the SPI is out of sync, the user initiates an
unlock and resets the SPI. At any point, if the SPI is not responding,
execute a lock and unlock. This unlock/lock does not affect any
data transaction in progress on the data interface and does not
affect the SDO behavior.
Figure 113. SPI Lock/Unlock and Reset
Stream Mode
Stream mode allows the user to consecutively access one or
more registers repeatedly without having to carry the overhead
associated with setting up the address each cycle. At the end of the
loop, the autogenerated address resets to the beginning address
and resumes counting until the last address is reached again.
The process continues as long as the is not deactivated. When is
deactivated, stream mode is terminated until started again by the
user.
The STREAM_MODE register is used to tell the device how many
consecutive registers are to be accessed in the stream mode. If this
register is 0x00, the default, streaming is not enabled. If the value
in this register is not zero, when streaming is initiated, the value
in this register tells the address generator how many consecutive
addresses are to be written to or read from before looping back
to the beginning address. If the value in this address is 0x01,
the same address is written to or read from for the duration of
the stream event. If the value is 0x02, two consecutive addresses
are written (or read) for the duration. For example, if the stream
entry point is Address 0x10, Address 0x10 is the first address.
Address 0x11 is the second address. After this loop is complete,
the next autogenerated address is 0x10 and so on. This cycle
continues until terminated by the user by deasserting the line.
To initiate stream mode, the user must first set this register,
0x000E, with a nonzero value indicating how many addresses are
to be accessed. Any value between 0x01 and 0xFF is valid. Take
care that all addresses within this scope are suitable for streaming
because some addresses may be specified as do not change. Next,
begin the read or write cycle as usual.
Master Slave Transfer Bit
Bit 0 of the TRANSFER_REGISTER is used as the master slave
transfer bit, which is useful when a register is composed of multiple
bytes that must all be written simultaneously to prevent errone-
ous device operation. In master mode, the ODR_VAL_INT_x and
ODR_VAL_FLT_x registers need this implementation. When this bit
is set, multiple bytes of data that have been transferred using the
SPI are written at one time to the slave. Upon completion of the
transfer, the slave device clears this bit (autoclear), indicating to the
SPI master that the transfer completed and the slave data can be
read back if desired by the control program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com