Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 4 Page - Analog Devices

  AD4134 Datasheet HTML 1Page - Analog Devices AD4134 Datasheet HTML 2Page - Analog Devices AD4134 Datasheet HTML 3Page - Analog Devices AD4134 Datasheet HTML 4Page - Analog Devices AD4134 Datasheet HTML 5Page - Analog Devices AD4134 Datasheet HTML 6Page - Analog Devices AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
Data Sheet
AD4134
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 92
AVDD5 = DVDD5 = 4.5 V to 5.5 V, AVDD1V8 = DVDD1V8 = 1.65 V to 1.95 V, CLKVDD = 1.65 V to 1.95 V, LDOIN = 2.6 V to 5.5 V, IOVDD =
1.65 V to 1.95 V, CLKIN = 48 MHz, AGND5 = DGND5 = AGND1V8 = DGND1V8 = IOGND = CLKGND = 0 V, REFIN voltage (VREF) = 4.096 V,
TA = −40°C to +105°C, high performance mode, input common-mode voltage (VCM) = 2.048 V, wideband 0.433 × ODR filter, Antialiasing 1
(AA1) mode, unless otherwise noted. Typical values are for TA = 25°C, AVDD5 = DVDD5 = 5 V, AVDD1V8 = DVDD1V8 = CLKVDD = 1.8 V,
LDOIN = 1.8 V, IOVDD = 1.8 V, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC SPEED AND DATA OUTPUT
ODR
Wideband 0.10825 × ODR and
0.433 × ODR Filters1, 2
2.5
374
kSPS
Sinc6 Filter3
2.5
1496
kSPS
Sinc3 Filter4
0.01
1496
kSPS
−3 dB Bandwidth
Wideband 0.433 × ODR Filter
1.08
161.942
kHz
Wideband 0.10825 × ODR Filter
0.27
40.48
kHz
Sinc6 Filter
0.47
278.4
kHz
Sinc3 Filter
0.003
391.5
kHz
Data Output Coding
Twos complement, MSB first
DYNAMIC PERFORMANCE
More information is available in the Noise Performance
and Resolution section
Dynamic Range (DR)
Shorted input
High Performance Mode
ODR = 374 kSPS
105.7
108
dB
ODR = 10 SPS, sinc3 filter
137
dB
A weighted, 1 kHz input, −60 dBFS, ODR = 48 kSPS
120
dB
2:1 channel averaging, A weighted, 1 kHz input,
−60 dBFS, ODR = 48 kSPS
123
dB
4:1 channel averaging, A weighted, 1 kHz input,
−60 dBFS, ODR = 48 kSPS
126
dB
Low Power Mode
ODR = 187 kSPS
103.7
106
dB
Signal-to-Noise Ratio
1 kHz, −0.5 dBFS, sine wave input
High Performance Mode
ODR = 374 kSPS
105.3
107
dB
Low Power Mode
ODR = 187 kSPS
104.6
106
dB
Signal-to-Noise-and-Distortion Ratio
(SINAD)
1 kHz, −0.5 dBFS, sine wave input
High Performance Mode
ODR = 374 kSPS
106.5
dB
Low Power Mode
ODR = 187 kSPS
105.5
dB
Total Harmonic Distortion (THD)
1 kHz, −0.5 dBFS, sine wave input
High Performance Mode
−120
dB
Low Power Mode
−119
dB
Spurious-Free Dynamic Range5
(SFDR)
1 kHz, −0.5 dBFS, sine wave input
High Performance Mode
125
dBc
Low Power Mode
125
dBc
INTERMODULATION DISTORTION
(IMD)
With input tone at 9.7 kHz and 10.3 kHz
Second-order
−122
dB
Third-order
−125
dB
ACCURACY
Integral Nonlinearity (INL)
High performance mode
±2
ppm of FSR
Low power mode
±2
ppm of FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com