Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 80 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 80 Page - Analog Devices

Back Button AD4134 Datasheet HTML 76Page - Analog Devices AD4134 Datasheet HTML 77Page - Analog Devices AD4134 Datasheet HTML 78Page - Analog Devices AD4134 Datasheet HTML 79Page - Analog Devices AD4134 Datasheet HTML 80Page - Analog Devices AD4134 Datasheet HTML 81Page - Analog Devices AD4134 Datasheet HTML 82Page - Analog Devices AD4134 Datasheet HTML 83Page - Analog Devices AD4134 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 80 of 92
Table 54. Bit Descriptions for DATA_PACKET_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
10 24-bit ADC data only.
11 24-bit ADC data followed by 6-bit CRC.
[3:0]
DCLK_FREQ_SEL
Controls DCLK Output Frequency.
0x0
R/W
0 fDCLK = 48 MHz.
1 fDCLK = 24 MHz.
10 fDCLK = 12 MHz.
11 fDCLK = 6 MHz.
100 fDCLK = 3 MHz.
101 fDCLK = 1.5 MHz.
110 fDCLK = 750 kHz.
111 fDCLK = 375 kHz.
1000 fDCLK = 187.5 kHz.
1001 fDCLK = 93.75 kHz.
1010 fDCLK = 46.875 kHz.
1011 fDCLK = 23.4375 kHz.
1100 fDCLK = 11.71875 kHz.
1101 fDCLK = 5.859 kHz.
1110 fDCLK = 2.929 kHz.
1111 fDCLK = 1.464 kHz.
Address: 0x12, Reset: 0x00, Name: DIGITAL_INTER-FACE_CONFIG
Table 55. Bit Descriptions for DIGITAL_INTERFACE_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DAISY_CHAIN_DEV_NUM
Sets the Number of Devices Connected in a Daisy-Chain Configuration. This register
is only applicable to a device set to output DCLK to other devices in a daisy-chain
configuration. The register value acts as a clock cycle multiplier in DCLK output
configuration. For example, setting the daisy-chain device number to two doubles the
number of DCLK cycles output per ODR cycle.
0x0
R/W
0 Only one device is used.
1 2 devices are in daisy-chain configuration.
10 3 devices are in daisy-chain configuration.
11 4 devices are in daisy-chain configuration.
100 5 devices are in daisy-chain configuration.
101 6 devices are in daisy-chain configuration.
110 7 devices are in daisy-chain configuration.
111 8 devices are in daisy-chain configuration.
1000 9 devices are in daisy-chain configuration.
1001 10 devices are in daisy-chain configuration.
1010 11 devices are in daisy-chain configuration.
1011 12 devices are in daisy-chain configuration.
1100 13 devices are in daisy-chain configuration.
1101 14 devices are in daisy-chain configuration.
1110 15 devices are in daisy-chain configuration.
1111 16 devices are in daisy-chain configuration.
[3:2]
AVG_SEL
Multichannel ADC Conversion Data Averaging Control.
0x0
R/W
0 Data from all four channels are averaged and output on DOUT0. DOUT2 acts as
daisy-chain input. DOUT1 and DOUT3 are disabled.
1 Data from Channel 0 and Channel 1 are averaged and output on DOUT0. DOUT1 is
disabled. Channel 2 and Channel 3 are under normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com