Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 37 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD4134 Datasheet HTML 33Page - Analog Devices AD4134 Datasheet HTML 34Page - Analog Devices AD4134 Datasheet HTML 35Page - Analog Devices AD4134 Datasheet HTML 36Page - Analog Devices AD4134 Datasheet HTML 37Page - Analog Devices AD4134 Datasheet HTML 38Page - Analog Devices AD4134 Datasheet HTML 39Page - Analog Devices AD4134 Datasheet HTML 40Page - Analog Devices AD4134 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
Data Sheet
AD4134
CIRCUIT INFORMATION
analog.com
Rev. 0 | 37 of 92
REFERENCE INPUT
Similar to the ADC inputs, the AD4134 reference input is also resis-
tive, which allows the external reference IC to drive the AD4134
directly without the need of a reference buffer. The user can directly
connect the external reference source to the REFCAP pin of the
AD4134.
Figure 66. Direct Reference Input Connection to REFCAP Pin
The user can reduce the noise on the reference source by filtering
the reference signal. An internal 20 Ω resistor between the REFIN
pin and the REFCAP pin enables the user to form a first-order RC
filter by connecting a capacitor on the REFCAP pin.
See the Reference Noise Filtering section for examples on how to
design the reference filter.
Figure 67. Reference Input Connection Using REFIN Pin
The series resistor creates a small voltage drop that varies with
the device mode of operation. In SPI control mode, the user can
configure the device to autocorrect this drop in different operating
modes by setting the REFIN_GAIN_CORR_EN bit to 1. The refer-
ence input current reduces by 1/4 with the disable of each individual
ADC channel. This reduction in current is also accounted for with
the reference autocorrection function.
The autocorrection function is disabled in pin control mode.
The reference input behaves with high impedance when the device
is powered down or in power down mode with the PDN pin low.
CLOCK INPUT
The AD4134 uses an internal oscillator during the initial power-up
configuration. After the AD4134 has completed the start-up routine,
a clock handover to the externally applied CLKIN occurs.
The AD4134 supports two master clock input options. The device
can accept an external CMOS clock signal or generate the clock
signal using an external crystal. The clock source is determined at
power-on by the state of the CLKSEL pin.
Tie the CLKSEL pin to the IOVDD pin and connect an external
crystal between the XTAL1 pin and the XTAL2/CLKIN pin to enable
the crystal clock option. Tie the CLKSEL pin to the IOGND pin and
connect an external CMOS clock signal to the XTAL2/CLKIN pin to
enable the CMOS clock option.
Figure 68. Master Clock Provided by a Crystal
Figure 69. Master Clock Provided by an Oscillator
XCLKOUT OUTPUT
When using the crystal clock option, a buffered output from the
internal crystal oscillator can be made available on the XCLKOUT
pin. Distribute this CMOS clock signal to other AD4134 devices in
the same system to allow multiple AD4134 devices to operate from
a single external crystal. The XLKCOUT pin can drive 45 pF of
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com