Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 70 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD4134 Datasheet HTML 66Page - Analog Devices AD4134 Datasheet HTML 67Page - Analog Devices AD4134 Datasheet HTML 68Page - Analog Devices AD4134 Datasheet HTML 69Page - Analog Devices AD4134 Datasheet HTML 70Page - Analog Devices AD4134 Datasheet HTML 71Page - Analog Devices AD4134 Datasheet HTML 72Page - Analog Devices AD4134 Datasheet HTML 73Page - Analog Devices AD4134 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
Data Sheet
AD4134
DIAGNOSTICS
analog.com
Rev. 0 | 70 of 92
The AD4134 has numerous diagnostic functions on chip that moni-
tor and report errors for the following functional blocks:
►
Internal fuses
►
Analog input range
►
MCLK frequency
►
SPI communication
►
Memory map value
►
ODR input frequency
►
Digital filters
In SPI control mode, the user can enable or disable the following
diagnostic features through the diagnostic control register:
►
Fuse CRC
►
Memory map CRC
►
SPI CRC
►
MCLK counter
►
Analog input range
Figure 123 shows all the different types of blocks monitored, as well
as blocks that are enabled using the diagnostic control register.
The remaining diagnostic features run continuously on the device
and all the bits except the NO_CHIP_ERR bit are cleared on a
read.
As shown in Figure 123, the NO_CHIP_ERR bit in the device
configuration register is the master error status bit. This bit is
cleared if any of the other status error bits are set. This bit sets
back to 1 when all the status bits are cleared, indicating no chip
error.
INTERNAL FUSE INTEGRITY CHECK
The AD4134 uses a fuse type memory to store the factory pro-
grammed calibration values that are unique to each device. When
leaving the factory, a CRC code is calculated based on the final
fuse values of the device and is stored in the device memory.
On each power-up, the device reads the fuse memory for self
configuration. The device also performs a CRC calculation based
on the fuse values read and compares the calculation against the
factory programmed value to detect a fuse reading error.
The device sets the ERR_FUSE_CRC bit if a fuse CRC error is
detected.
The user can also initiate a fuse check by using the FUSE_
CRC_CHECK bit in the diagnostic control register. This bit is
cleared when the check is complete. When this check is executed,
the data output is interrupted.
The fuse CRC supports 1-bit error correction. The device tries
to correct the error when detected. The AD4134 sets the
STAT_FUSE_ECC bit if the error is corrected and sets the
ERR_FUSE_CRC bit if the fuse CRC error correction is not com-
pleted.
Figure 123. Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com