Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 61 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD4134 Datasheet HTML 57Page - Analog Devices AD4134 Datasheet HTML 58Page - Analog Devices AD4134 Datasheet HTML 59Page - Analog Devices AD4134 Datasheet HTML 60Page - Analog Devices AD4134 Datasheet HTML 61Page - Analog Devices AD4134 Datasheet HTML 62Page - Analog Devices AD4134 Datasheet HTML 63Page - Analog Devices AD4134 Datasheet HTML 64Page - Analog Devices AD4134 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
Data Sheet
AD4134
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 61 of 92
Figure 101. Automatic Gain Control
FRONT-END DESIGN EXAMPLES
The analog front-end circuit of the AD4134 must perform the follow-
ing sequence:
1. Provide adequate input impedance to match the source.
2. Provide reasonably low output impedance to drive the 6 kΩ
differential input resistance of the ADC.
3. Convert the input signal to a balanced, fully differential signal
with fixed common-mode voltage of 2 V to 2.5 V.
4. Provide the necessary gain or attenuation to match the maxi-
mum source signal amplitude to the full-scale input range of the
ADC.
The following low noise amplifiers are recommended for various
types of system challenges. Example operational amplifiers include
the ADA4625-2, ADA4610-2, AD8605, and ADA4075-2. Examples
of fully differential amplifiers include the ADA4940-2, LTC6363,
and ADA4945-1. Example instrumentation amplifiers include the
AD8421 and LTC6373.
Differential Input Signal with Controlled
Common-Mode and High Impedance Source
An example of a high impedance source includes a Wheatstone
bridge type of configuration for strain and pressure monitoring.
The input common mode is well controlled, needing no common-
mode rejection, and a dual op amp configuration works properly.
The circuit in Figure 102 can also provide gain to the signal.
Because of the easy to drive nature of the AD4134, the op amps
do not need to have a high bandwidth and a strong output drive
to overcome kickbacks from traditional ADCs. The ADA4610-2 is
an optimal choice because it offers wide input range, low noise,
suitable bandwidth, and high linearity. The AD8605 is another
optimal choice for rail-to-rail, low voltage, single-supply operation.
Figure 102. Buffered Input with Gain and No Additional Common-Mode
Rejection
Differential Input with Unregulated Common-
Mode Voltage Low Impedance Source
If a wider input common-mode range is required, a fully differential
amplifier can be used, as shown in Figure 103.
Figure 103. Use a Fully Differential Amplifier to Extend Input Common-Mode
Voltage and Signal Gain/Attenuation
This circuit can also provide gain or attenuation of the signal and is
responsible for rejecting the input common mode.
Fully differential amplifiers such as the ADA4940-2, ADA4945-1,
and LTC6363 are all suitable choices. Devices such as the
LTC6363-0.5, LTC6363-1, and LTC6363-2 with a highly matched
integrated resistor network offer unmatched CMRR at 94 dB mini-
mum.
Fully Differential Amplifier with Single Unipolar
Supply
The circuit in Figure 104 offers fixed gain for single-ended or
differential inputs having a low impedance source. Single unipolar 5
V supply operation relaxes the power design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com