Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 67 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD4134 Datasheet HTML 63Page - Analog Devices AD4134 Datasheet HTML 64Page - Analog Devices AD4134 Datasheet HTML 65Page - Analog Devices AD4134 Datasheet HTML 66Page - Analog Devices AD4134 Datasheet HTML 67Page - Analog Devices AD4134 Datasheet HTML 68Page - Analog Devices AD4134 Datasheet HTML 69Page - Analog Devices AD4134 Datasheet HTML 70Page - Analog Devices AD4134 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Data Sheet
AD4134
DIGITAL INTERFACE
analog.com
Rev. 0 | 67 of 92
onto the DOUT0 pin and DOUT1 pin of the final upstream device in
the chain.
Figure 118. Data Interface Connection with 2-Channel Daisy-Chaining
Configuration
Figure 119. Data Interface Connection with 1-Channel Daisy-Chaining
Configuration
Daisy-chaining can be achieved in a similar manner on the AD4134
when using only the DOUT0 pin. In this case, only the DOUT2 pin
is used as the serial data input pin, as shown in Figure 119.
If the AD4134 is used in the chain as a master for generating
the ODR and DCLK, the user must program the DAISY_CHAIN_
DEV_NUM bits to let the device know how many devices are
connected to it. Programming the DAISY_CHAIN_DEV_NUM bits
ensures that the AD4134 generates a sufficient number of DCLK
cycles to clock the data out from all the devices in the chain. For
example, in Figure 120, program the DAISY_CHAIN_ DEV_NUM
bits in the master device to 0x01 so that the AD4134 can generate
the number of DCLK cycles to clock out data from both the devices.
Figure 120. Single Channel Daisy Chain for Master Slave Configuration
The number of devices supported on a chain is limited by the DCLK
frequency chosen for a given output data rate.
The maximum usable DCLK frequency allowed when daisy-chain-
ing devices is limited by the combination of timing specifications
and the DCLK mode of operation.
Data Interface Frame Length
The AD4134 data interface operates with the byte-based transfer
scheme. That is, the transactions are in multiples of eight bits.
The data frame length, defined as the number of data bytes per
ODR cycle per DOUTx pin, depends on the following factors:
►
Conversion output word size
►
Status or CRC header
►
Data output format configuration
►
Daisy-chain configuration
►
Data averaging
The conversion output word size can be 16 bits or 24 bits.
It is optional to include a status or CRC header byte with each
conversion result to improve the communication robustness and to
receive real-time error status.
The user can choose to parallel or serialize the output data. Serial-
izing the output data from four ADC channels to one DOUTx pin
increases the data frame length by 4×.
If multiple devices are daisy-chained, the total data frame length is
equal to the sum of the data frame length of the individual devices
on the chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com