Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 56 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD4134 Datasheet HTML 52Page - Analog Devices AD4134 Datasheet HTML 53Page - Analog Devices AD4134 Datasheet HTML 54Page - Analog Devices AD4134 Datasheet HTML 55Page - Analog Devices AD4134 Datasheet HTML 56Page - Analog Devices AD4134 Datasheet HTML 57Page - Analog Devices AD4134 Datasheet HTML 58Page - Analog Devices AD4134 Datasheet HTML 59Page - Analog Devices AD4134 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
Data Sheet
AD4134
DYNAMIC RANGE ENHANCEMENT, CHANNEL AVERAGING
analog.com
Rev. 0 | 56 of 92
The AD4134 is equipped with built-in 4-channel and 2-channel
averaging functions that increase the performance by 6 dB and 3
dB. The device performs on-board averaging of the output data
from two or four of its ADC channels to improve the dynamic range.
Averaging is a digital postprocessing option after the digital filter,
which performs averaging of the output data from multiple ADC
channels. This averaging feature allows the user to measure a sig-
nal with multiple ADC channels and average the result to achieve
higher dynamic range.
In 4:1 averaging mode, a single input signal is applied to all four
input channels, as shown in Figure 92. In this mode with averaging
enabled, the AD4134 is a single-channel device with the dynamic
range improved by 6 dB.
In 2:1 averaging mode, a single input signal is applied to two input
channels, as shown in Figure 93. In this mode with averaging
enabled, the AD4134 behaves as a 2-channel device with each
channel dynamic range improved by 3 dB.
For noise performance of channel averaging, see the Noise Per-
formance and Resolution section.
Figure 92 and Figure 93 show the connection diagrams for using
these functions. For 4:1 channel averaging, short all four inputs
together, but for 2:1 channel averaging short two inputs together.
Figure 92. 4:1 Channel Averaging
Figure 93. 2:1 Channel Averaging
In pin control mode, only 4:1 averaging is available through the
configuration of the FORMAT0/ pin and FORMAT1/SCLK pin, as
shown in Table 32.
In SPI control mode, set the format bits, Bits[1:0] in Register 0x12
to 11 to enable the output averaging function. Then use Bits[3:2] in
Register 0x12 to select the channel averaging options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com