Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 34 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD4134 Datasheet HTML 30Page - Analog Devices AD4134 Datasheet HTML 31Page - Analog Devices AD4134 Datasheet HTML 32Page - Analog Devices AD4134 Datasheet HTML 33Page - Analog Devices AD4134 Datasheet HTML 34Page - Analog Devices AD4134 Datasheet HTML 35Page - Analog Devices AD4134 Datasheet HTML 36Page - Analog Devices AD4134 Datasheet HTML 37Page - Analog Devices AD4134 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Data Sheet
AD4134
NOISE PERFORMANCE AND RESOLUTION
analog.com
Rev. 0 | 34 of 92
Table 13. Sinc6 Filter, High Performance Mode Noise Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate
(kSPS)
−3 dB Bandwidth (kHz)
Single Channel
2:1 Channel Averaging
4:1 Channel Averaging
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise (µV)
1496
278.406
100.66
26.85
104.13
18.01
107.07
12.83
1250
232.63
102.98
20.56
106.34
13.95
109.24
10.00
1000
186.10
105.15
16.01
108.48
10.90
111.44
7.75
750
139.58
107.33
12.46
110.57
8.57
113.52
6.10
500
93.05
109.64
9.54
112.87
6.57
115.85
4.66
375
69.79
111.09
8.08
114.27
5.59
117.32
3.94
325
60.48
111.94
7.32
115.02
5.13
118.02
3.63
256
47.64
113.20
6.34
116.20
4.48
119.16
3.19
175
32.57
114.82
5.26
117.97
3.65
120.90
2.61
128
23.82
116.32
4.42
119.35
3.12
122.29
2.22
80
14.89
118.34
3.50
121.50
2.43
124.26
1.77
64
11.91
119.38
3.11
122.36
2.20
125.46
1.54
32
5.96
122.38
2.20
125.33
1.56
128.24
1.12
10
1.86
126.98
1.30
129.87
0.92
132.90
0.65
5
0.93
129.69
0.95
132.47
0.68
135.29
0.49
2.5
0.47
131.97
0.73
135.31
0.49
137.57
0.383
Table 14. Sinc6 Filter, Low Power Mode Noise Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate
(kSPS)
−3 dB Bandwidth
(kHz)
Single Channel
2:1 Channel Averaging
4:1 Channel Averaging
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise
(µV)
Dynamic Range
(dB)
RMS Noise
(µV)
1496
278.406
84.11
180.40
87.30
124.98
90.05
91.06
1250
232.63
87.78
118.22
90.93
82.3
93.92
58.31
1000
186.10
92.28
70.43
95.42
49.04
98.36
34.99
750
139.58
97.65
37.96
100.78
26.48
103.61
19.12
500
93.05
103.33
19.74
106.53
13.65
109.33
9.89
375
69.79
101.17
25.32
103.98
18.32
104.34
17.57
325
60.48
107.19
12.65
110.22
8.93
113.13
6.38
256
47.64
108.60
10.76
111.58
7.63
114.51
5.44
175
32.57
110.53
8.62
113.63
6.03
116.51
4.33
128
23.82
112.05
7.23
115.08
5.10
118.06
3.62
80
14.89
114.25
5.61
117.28
3.96
120.16
2.84
64
11.91
115.17
5.05
118.21
3.56
121.20
2.52
32
5.96
118.22
3.55
121.30
2.49
124.23
1.78
10
1.86
123.03
2.04
126.15
1.42
129.02
1.02
5
0.93
125.99
1.45
129.11
1.01
131.99
0.72
2.5
0.47
128.91
1.04
131.75
0.74
134.57
0.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com