Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 58 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 58 Page - Analog Devices

Back Button AD4134 Datasheet HTML 54Page - Analog Devices AD4134 Datasheet HTML 55Page - Analog Devices AD4134 Datasheet HTML 56Page - Analog Devices AD4134 Datasheet HTML 57Page - Analog Devices AD4134 Datasheet HTML 58Page - Analog Devices AD4134 Datasheet HTML 59Page - Analog Devices AD4134 Datasheet HTML 60Page - Analog Devices AD4134 Datasheet HTML 61Page - Analog Devices AD4134 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
Data Sheet
AD4134
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 58 of 92
Figure 94. Typical Application Diagram
POWER SUPPLY
The AD4134 has a total of seven power supply input pins: AVDD5,
DVDD5, LDOIN, AVDD1V8, DVDD1V8, CLKVDD, and IOVDD.
Refer to the power supply voltages in Table 1 for operating supply
voltage values for 4.096 V and 5 V reference inputs.
To simplify the power supply design, the user can supply the
AVDD5 pin and DVDD5 pin together with a single, low noise
5 V supply, and supply the AVDD1V8, DVDD1V8, CLKVDD, and
IOVDD pins together with a single low noise 1.8 V supply.
To generate 5 V and 1.8 V rails, the power circuits using LT8606
or LT8607 provide a low EMI, small size solution supporting a wide
range of input voltages.
On-Board LDO Regulators
To simplify the power supply design, the AD4134 provides three
internal LDO regulators to generate the 1.8 V required for the
AVDD1V8, DVDD1V8, and CLKVDD pins from a single 2.6 V to 5.5
V supply connected to the LDOIN pin, as shown in Figure 95.
Figure 95. Internal LDO Regulator Connections
If the internal LDO regulators are used, the AVDD1V8, DVDD1V8,
and CLKVDD pins must be decoupled with a 10 µF, 10 µF, and 2.2
µF capacitor, respectively, to their respective grounds, as shown in
Figure 96.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com