Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 1 Page - Analog Devices

  AD4134 Datasheet HTML 1Page - Analog Devices AD4134 Datasheet HTML 2Page - Analog Devices AD4134 Datasheet HTML 3Page - Analog Devices AD4134 Datasheet HTML 4Page - Analog Devices AD4134 Datasheet HTML 5Page - Analog Devices AD4134 Datasheet HTML 6Page - Analog Devices AD4134 Datasheet HTML 7Page - Analog Devices AD4134 Datasheet HTML 8Page - Analog Devices AD4134 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Data Sheet
AD4134
24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Alias free: inherent antialias rejection high performance mode
102.5 dB, typical
►
Excellent ac and dc performance
►
108 dB dynamic range at ODR = 374 kSPS, FIR filter, typical
►
137 dB dynamic range at ODR = 10 SPS, sinc3 filter, typical
►
THD: −120 dB typical with 1 kHz input tone
►
Offset error drift: 0.
9 µV/°C typical
►
Gain drift: 2 ppm/°C typical
►
INL: ±2 ppm of FSR typical
►
Dynamic range enhancement: 4:1 and 2:1 averaging mode
►
126 dB, A weighted dynamic range
►
Resistive ADC and reference input
►
Easy to sync: asynchronous sample rate converter
►
Multidevice synchronization with one signal line
►
Programmable data rates from 0.01 kSPS to 1496 kSPS with
resolution of 0.01 SPS
►
Option to control output data rate by external signal
►
Linear phase digital filter options
►
Low ripple FIR filter: 32 µdB pass-band ripple, dc to 161.942
kHz
►
Low latency sinc3 filter and sinc6 filter, dc to 391.5 kHz
►
Sinc3 filter with 50 Hz/60 Hz rejection
►
Crosstalk: 130.7 dBFS
►
Daisy-chaining
►
CRC error checking on data and SPI
►
Two power modes: high performance mode and low power mode
►
Power supply: 4.5 V to 5.5 V and 1.65 V to 1.95 V
►
1.8 V IOVDD level
►
External reference: 4.096 V or 5 V
►
Crystal or external CMOS clock of 48 MHz
►
SPI or pin (standalone) configurable operation
►
Operating temperature range: −40°C to +105°C
►
Available in 8 mm × 8 mm, 56-lead LFCSP with exposed pad
APPLICATIONS
►
Electrical test and measurement
►
Audio test
►
3-phase power quality analysis
►
Control and hardware in loop verification
►
Sonars
►
Condition monitoring for predictive maintenance
►
Acoustic and material science research and development
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
Analog Devices is in the process of updating documentation to provide terminology and language that is culturally appropriate. This is a process
with a wide scope and will be phased in as quickly as possible. Thank you for your patience.


Similar Part No. - AD4134

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4130-4 AD-AD4130-4 Datasheet
3Mb / 106P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4130-4 AD-AD4130-4 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
AD4130-4BCBZ-RL7 AD-AD4130-4BCBZ-RL7 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
AD4130-4BCPZ-RL7 AD-AD4130-4BCPZ-RL7 Datasheet
3Mb / 106P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4130-4BCPZ-RL7 AD-AD4130-4BCPZ-RL7 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
More results

Similar Description - AD4134

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7770 AD-AD7770 Datasheet
1Mb / 94P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. A
AD7779 AD-AD7779 Datasheet
1Mb / 97P
8-Channel, 24-Bit, Simultaneous Sampling ADC
REV. 0
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. A
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. C
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
8-Channel, 24-Bit, Simultaneous Sampling ADC
Rev. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com