Electronic Components Datasheet Search
  English  ▼

X  

AD4134 Datasheet(PDF) 88 Page - Analog Devices

Part # AD4134
Description  24-Bit, 4-Channel Simultaneous Sampling 1.5 MSPS Precision Alias Free ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4134 Datasheet(HTML) 88 Page - Analog Devices

Back Button AD4134 Datasheet HTML 84Page - Analog Devices AD4134 Datasheet HTML 85Page - Analog Devices AD4134 Datasheet HTML 86Page - Analog Devices AD4134 Datasheet HTML 87Page - Analog Devices AD4134 Datasheet HTML 88Page - Analog Devices AD4134 Datasheet HTML 89Page - Analog Devices AD4134 Datasheet HTML 90Page - Analog Devices AD4134 Datasheet HTML 91Page - Analog Devices AD4134 Datasheet HTML 92Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
Data Sheet
AD4134
REGISTER DETAILS
analog.com
Rev. 0 | 88 of 92
Table 83. Bit Descriptions for CH1_GAIN_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GAIN_CH1[15:8]
Channel 1 Gain Calibration Value.
0x0
R/W
Address: 0x2F, Reset: 0x00, Name: CH1_GAIN_MSB
Table 84. Bit Descriptions for CH1_GAIN_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
Reserved
Reserved.
0x0
R
4
GAIN_CAL_SEL_CH1
Enables Gain Calibration on Channel 1.
0x0
R/W
[3:0]
GAIN_CH1[19:16]
Channel 1 Gain Calibration Value.
0x0
R/W
Address: 0x30, Reset: 0x00, Name: CH1_OFFSET_LSB
Table 85. Bit Descriptions for CH1_OFFSET_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_CH1[7:0]
Channel 1 Offset Calibration Value.
0x0
R/W
Address: 0x31, Reset: 0x00, Name: CH1_OFFSET_MID
Table 86. Bit Descriptions for CH1_OFFSET_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_CH1[15:8]
Channel 1 Offset Calibration Value.
0x0
R/W
Address: 0x32, Reset: 0x00, Name: CH1_OFFSET_MSB
Table 87. Bit Descriptions for CH1_OFFSET_MSB
Bits
Bit Name
Settings
Description
Reset
Access
7
OFFSET_CAL_EN_CH1
Enables Offset Calibration on Channel 1.
0x0
R/W
[6:0]
OFFSET_CH1[22:16]
Channel 1 Offset Calibration Value.
0x0
R/W
Address: 0x33, Reset: 0x00, Name: CH2_GAIN_LSB
Table 88. Bit Descriptions for CH2_GAIN_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GAIN_CH2[7:0]
Channel 2 Gain Calibration Value.
0x0
R/W
Address: 0x34, Reset: 0x00, Name: CH2_GAIN_MID
Table 89. Bit Descriptions for CH2_GAIN_MID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
GAIN_CH2[15:8]
Channel 2 Gain Calibration Value.
0x0
R/W
Address: 0x35, Reset: 0x00, Name: CH2_GAIN_MSB
Table 90. Bit Descriptions for CH2_GAIN_MSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
Reserved
Reserved.
0x0
R
4
GAIN_CAL_SEL_CH2
Enables Gain Calibration on Channel 2.
0x0
R/W
[3:0]
GAIN_CH2[19:16]
Channel 2 Gain Calibration Value.
0x0
R/W
Address: 0x36, Reset: 0x00, Name: CH2_OFFSET_LSB
Table 91. Bit Descriptions for CH2_OFFSET_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_CH2[7:0]
Channel 2 Offset Calibration Value.
0x0
R/W
Address: 0x37, Reset: 0x00, Name: CH2_OFFSET_MID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com